Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPD-65 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPD-65
Description  Dual Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPD-65 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPD-65 Datasheet HTML 1Page - MicroPower Direct, LLC MPD-65 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
1
2
Terminal
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
90
100
110
135
155
264
230
100
90
80
70
60
50
40
O.V.P.
CONTROL
ING
COM
+5V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
&
RECTIFIERS
+V
FG
I/P
FILTER
EMI
SVR1
115.8
127
T2A/250V
T2A/250V
FS2
2
CN1
1
FS1
FG
4
6
4-
3.8
5
2
3
CN2
1
5.6
M1
M2
1
2,3
4,5
6
Assignment
+V
+5V
COM
NC
Terminal
AC/N
AC/L
MPD-65
Low Cost, EN60601 (Medical) Approved, 65W AC/DC Power Supplies
Series
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com