Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSCD210 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSCD210
Description  2.0 AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSCD210 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSCD210 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSCD210 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SSCD202 THRU SSCD210
VOLTAGE 20V ~ 100V
2.0 AMP Surface Mount Schottky Barrier Rectifiers
1206
R0.
016
(0.4
0)
0.035(0.90)
0.020(0.50)
0.046(1.16)
0.034(0.86)
0.142(3.60)
.002(0.05)
0.126(3.20)
0.035(0.90)
0.020(0.50)
* Dimensions in inches and (millimeters)
Cathode Band
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package
Built-in strain relief
Metal to silicon rectifier , majority carrier conduction
Low power loss , High efficiency
High current capability
High surge capacity
For using in low voltage high frequency switching power supply,
inverters , free wheeling , and polarity protection applications
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarit y : Laser marking
Weight : 0.02 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
*
*
*
*
*
*
*
*
*
*
*
*
*
Rating 25℃ ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
TYPE NUMBER
SYMBOLS
UN
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Working Peak Reverse Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
SSCD202
20
20
20
0.70
SSCD206
60
60
60
V
Maximum Average Forward Rectified Current (See FIG. 1)
I(AV)
A
superimposed on rated load (JEDEC method)
IFSM
A
Maximum Instantaneous Forward Voltage at 2.0A (Note1)
VF
SSCD210
100
100
100
0.85
V
Maximum DC Reverse Current (Note1) Ta=25
。
at Rated DC Blocking Voltage Ta=100
。
IR
0.50
10
10
mA
2.0
40
0.5
40
40
40
SSCD204
C
C
ITS
Peak Forward Surge Current, 8.3 ms single half sine-wave
RθJA
75
Typical Thermal Resistance (Note 2)
RθJL
17
℃
/ W
Operating Temperature Range
TJ
-50 ~ +125
℃
Storage Temperature Range
TSTG
-65 ~ +150
℃
NOTES:
1.
Pulse test width PW=300 usec, 1% duty cycle.
2.
Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
05-Jan-2008 Rev. D
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SSCD210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSCD210 TI-SSCD210 Datasheet
767Kb / 25P
QUAD DIGITAL ISOLATORS
logo
Zowie Technology Corpor...
SSCD210 ZOWIE-SSCD210 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SSCD210H ZOWIE-SSCD210H Datasheet
226Kb / 2P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SSCD210S SECOS-SSCD210S Datasheet
294Kb / 2P
2.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
SSCD210SH ZOWIE-SSCD210SH Datasheet
405Kb / 2P
Schottky Barrier Diode
More results

Similar Description - SSCD210

ManufacturerPart #DatasheetDescription
logo
Bytes
SM220B BYTES-SM220B Datasheet
153Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM220AF SECOS-SM220AF_15 Datasheet
237Kb / 2P
2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS22A DGNJDZ-SS22A Datasheet
160Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS28F-80V-SMAF DGNJDZ-SS28F-80V-SMAF Datasheet
120Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS215A-150V-SMAF DGNJDZ-SS215A-150V-SMAF Datasheet
117Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AA DGNJDZ-SS220-200V-DO-214AA Datasheet
161Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220-200V-DO-214AC DGNJDZ-SS220-200V-DO-214AC Datasheet
132Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK22-2A-DO-214AA DGNJDZ-SK22-2A-DO-214AA Datasheet
131Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK22 BYTESONIC-SK22 Datasheet
649Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/5/23
SK22 BYTESONIC-SK22_V02 Datasheet
249Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Version 1.3 2018/8/9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com