Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD01L60 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD01L60
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD01L60 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD01L60 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD01L60 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD01L60 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD01L60 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Drain-Source Voltage
0.232
3
1
0.8
29
0.5
Linear Derating Factor
Single Pulse Avalanche Energy
EAS
Continuous Drain Current,VGS@10V
Continuous Drain Current,VGS@10V
Pulsed Drain Current
Total Power Dissipation
ID@TC=100
ID@TC=25
IDM
PD@TC=25
1
C
o
C
o
C
o
W/ C
o
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-case
/W
C
Rthj-c
4.3
Thermal Resistance Junction-ambient
/W
C
Rthj-a
Max.
Max.
110
o
o
Gate-Source Voltage
A
V
V
A
A
W
V DS
V GS
600
±30
1
Avalanche Current
Repetitive Avalanche Energy
IAR
mJ
A
2
-55~+150
Operating Junction and Storage Temperature Range
Tj, Tstg
C
o
EAR
0.5
mJ
Parameter
Symbol
Ratings
Unit
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 4
Description
Features
* RoHs Compliant
*
Simple Drive Requirement
*
Fast Switching Speed
*
Repetitive Avalanche Rated
The SSD01L60 (TO-252) is universally preferred for all
commercial-industrial surface mount applications and
suited for AC/DC converters.
TO-252
S
D
G
Elektronische Bauelemente
SSD01L60
1A, 600V,RDS(ON)12
N-Channel Enhancement Mode Power Mos.FET
Ω
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.20
2.80
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
Absolute Maximum Ratings


Similar Part No. - SSD01L60

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD01N60 SECOS-SSD01N60 Datasheet
1Mb / 5P
N-Channel Enhancement Mode Power Mos.FET
SSD01N65J SECOS-SSD01N65J Datasheet
175Kb / 3P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD01L60

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM161 SECOS-SGM161 Datasheet
546Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2308 SECOS-SGM2308 Datasheet
379Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2310 SECOS-SGM2310 Datasheet
508Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SID01L60 SECOS-SID01L60 Datasheet
710Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2304 SECOS-SMG2304 Datasheet
454Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SMG2304A SECOS-SMG2304A Datasheet
455Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG3018K SECOS-SMG3018K Datasheet
719Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com