Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS07D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS07D
Description  HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS07D Datasheet(HTML) 3 Page - Texas Instruments

  SN74LS07D Datasheet HTML 1Page - Texas Instruments SN74LS07D Datasheet HTML 2Page - Texas Instruments SN74LS07D Datasheet HTML 3Page - Texas Instruments SN74LS07D Datasheet HTML 4Page - Texas Instruments SN74LS07D Datasheet HTML 5Page - Texas Instruments SN74LS07D Datasheet HTML 6Page - Texas Instruments SN74LS07D Datasheet HTML 7Page - Texas Instruments SN74LS07D Datasheet HTML 8Page - Texas Instruments SN74LS07D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
The SN54LS07 and SN74LS17 are
obsolete and are no longer supplied.
SN54LS07, SN74LS07, SN74LS17
HEX BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS021C − MAY 1990 − REVISED FEBRUARY 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
SN54LS07
SN74LS07
SN54LS07
SN74LS07
SN74LS17
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VOH
High-level output voltage
’LS07
30
30
V
VOH
High-level output voltage
SN74LS17
15
V
IOL
Low-level output current
30
40
mA
TA
Operating free-air temperature
−55
125
0
70
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS‡
SN54LS07
SN74LS07
SN74LS17
UNIT
PARAMETER
TEST CONDITIONS‡
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = MIN,
II = − 12 mA
− 1.5
− 1.5
V
IOH
VCC = MIN,
VIH = 2 V
’LS07, VOH = 30 V
0.25
0.25
mA
IOH
VCC = MIN,
VIH = 2 V
SN74LS17, VOH = 15 V
0.25
mA
VOL
VCC = MIN,
VIL = 0.8 V
IOL = 16 mA
0.4
0.4
V
VOL
VCC = MIN,
VIL = 0.8 V
IOL = MAX§
0.7
0.7
V
II
VCC = MAX,
VI = 7 V
1
1
mA
IIH
VCC = MAX,
VI = 2.4 V
20
20
µA
IIL
VCC = MAX,
VI = 0.4 V
− 0.2
− 0.2
mA
ICCH
VCC = MAX
14
14
mA
ICCL
VCC = MAX
45
45
mA
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ IOL = 30 mA for SN54 series parts and 40 mA for SN74 series parts.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
TO
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
RL = 110 Ω,
CL = 15 pF
6
10
ns
tPHL
A
Y
RL = 110 Ω,
CL = 15 pF
19
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com