Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JF15AP2DF Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JF15AP2DF
Description  Ultra-Thin Process Sealed Tactiles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JF15AP2DF Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  JF15AP2DF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2DF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2DF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2DF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2DF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2DF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Thin Process Sealed Tactiles
Series JF
ILLUMINATION & ACTUATOR TYPES
Flexible Panel Design
Versatile panel arrangements can be made to fit individual design needs.
TERMINALS
With isolated lamp circuit
Further details in Typical Switch Dimensions
P
Straight PC Terminals
LED COLORS & SPECIFICATIONS
R
Spot Illumination
A
Full Face Illumination
1
Square Actuator
1
2
Round Actuator
3
Sculptured Actuator
Actuator Colors Available: C, D, F, G, H
Housing is black
Actuator Colors Available: C, E, F
Housing is black
Square Actuator
Color Codes:
Red
Orange
Yellow
Green
Blue
C
D
E
F
G
Gray
H
(17.78) Typ
.700
(27.94)
1.100
(1.04)
.041
(1.7)
.067
(5.08)
.200
(3.6)
.142
(6.0) Min
.236
(5.72)
.225
(17.78) Typ
.700
(22.86)
.900
(6.7)
.264
(3.6)
.142
(7.3)
.287
(3.0)
.118
Spot Illumination
Full Face Illumination
LED polarity
marking
LEDs are supplied as an integral part of the switch. The electrical specifications shown are determined at a basic temperature of 25°C.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
Spot Illumination
Full Face Illumination
Color
Red
Yellow
Green
Red
Yellow
Green
Forward Peak Current
I
FM
40mA
40mA
40mA
30mA
30mA
30mA
Continuous Forward Current
I
F
30mA
30mA
30mA
20mA
20mA
20mA
Forward Voltage
V
F
1.7V
2.2V
2.2V
1.77V
2.1V
2.3V
Reverse Peak Voltage
V
RM
4V
4V
4V
4V
4V
4V
Current Reduction Rate
Above 25°C
∆I
F
0.67mA/°C
0.67mA/°C
0.67mA/°C
0.4mA/°C
0.4mA/°C
0.4mA/°C
Ambient Temperature Range
–25° ~ +70°C
–25° ~ +70°C
E
F
C
E
F
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com