Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2011LS1W Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011LS1W
Description  Miniature Pushbuttons
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011LS1W Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2011LS1W Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Pushbuttons
Series MB2000
Distinctive Characteristics
Guide interlocked with actuator block prevents window locking and
maintains correct plunger alignment to assure contact stability.
Employs an over-center actuator mechanism, which diminishes
sparking and increases operating life in AC circuits.
High torque bushing construction prevents rotation
or separation from frame during installation.
Splashproof option (D3 and B3 bushing codes) features an
o-ring within the bushing and one under the face nut
to protect from splashed, sprayed, or spilled liquids.
High insulating barriers, formed in the molded
diallyl phthalate case, increase isolation of circuits
in multipole devices.
Prominent external insulating barriers increase
insulation resistance and dielectric strength.
Epoxy sealed terminals prevent entry of solder
flux and other contaminants.
Clinching of the frame to the case well above the base
and terminals provides 1,500V dielectric strength.
Actual Size


Similar Part No. - MB2011LS1W

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011LS1W01-BA NKK-MB2011LS1W01-BA Datasheet
1Mb / 23P
General Specifications
MB2011LS1W01-BB NKK-MB2011LS1W01-BB Datasheet
1Mb / 23P
General Specifications
MB2011LS1W01-BC NKK-MB2011LS1W01-BC Datasheet
1Mb / 23P
General Specifications
MB2011LS1W01-CA NKK-MB2011LS1W01-CA Datasheet
1Mb / 23P
General Specifications
MB2011LS1W01-CB NKK-MB2011LS1W01-CB Datasheet
1Mb / 23P
General Specifications
More results

Similar Description - MB2011LS1W

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
Process Sealed Miniature Pushbuttons
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
Miniature Pushbuttons
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
Miniature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
Miniature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
Light Touch Miniature Pushbuttons
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com