Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS07 Datasheet(PDF) 1 Page - Texas Instruments

Part # LS07
Description  HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LS07 Datasheet(HTML) 1 Page - Texas Instruments

  LS07 Datasheet HTML 1Page - Texas Instruments LS07 Datasheet HTML 2Page - Texas Instruments LS07 Datasheet HTML 3Page - Texas Instruments LS07 Datasheet HTML 4Page - Texas Instruments LS07 Datasheet HTML 5Page - Texas Instruments LS07 Datasheet HTML 6Page - Texas Instruments LS07 Datasheet HTML 7Page - Texas Instruments LS07 Datasheet HTML 8Page - Texas Instruments LS07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
The SN54LS07 and SN74LS17 are
obsolete and are no longer supplied.
SN54LS07, SN74LS07, SN74LS17
HEX BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS021C − MAY 1990 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Convert TTL Voltage Levels to MOS Levels
D High Sink-Current Capability
D Input Clamping Diodes Simplify System
Design
D Open-Collector Driver for Indicator Lamps
and Relays
description/ordering information
These hex buffers/drivers feature high-voltage
open-collector outputs to interface with high-level
circuits or for driving high-current loads. They are
also characterized for use as buffers for driving TTL inputs. The ’LS07 devices have a rated output voltage of
30 V, and the SN74LS17 has a rated output voltage of 15 V. The maximum sink current is 30 mA for the
SN54LS07 and 40 mA for the SN74LS07 and SN74LS17.
These circuits are compatible with most TTL families. Inputs are diode-clamped to minimize transmission-line
effects, which simplifies design. Typical power dissipation is 140 mW, and average propagation delay time is
12 ns.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74LS07N
SN74LS07N
SOIC − D
Tube
SN74LS07D
LS07
0
°C to 70°C
SOIC − D
Tape and reel
SN74LS07DR
LS07
0 C to 70 C
SOP − NS
Tape and reel
SN74LS07NSR
74LS07
SSOP − DB
Tape and reel
SN74LS07DBR
LS07
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB
design guidelines are available at www.ti.com/sc/package.
logic diagram (positive logic)
1A
2A
3A
4A
5A
6A
1Y
2Y
3Y
4Y
5Y
6Y
1
3
5
9
11
13
2
4
6
8
10
12
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54LS07 ...J PACKAGE
SN74LS07, SN74LS17 . . . D, DB, N, OR NS PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - LS07

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LS00 MOTOROLA-LS00 Datasheet
46Kb / 2P
QUAD 2-INPUT NAND GATE
logo
National Semiconductor ...
LS00 NSC-LS00 Datasheet
120Kb / 6P
Quad 2-Input NAND Gates
logo
Fairchild Semiconductor
LS00 FAIRCHILD-LS00 Datasheet
59Kb / 5P
Quad 2-Input NAND Gate
logo
Hitachi Semiconductor
LS00 HITACHI-LS00 Datasheet
42Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
ON Semiconductor
LS00 ONSEMI-LS00 Datasheet
75Kb / 4P
Quad 2-Input NAND Gate?
December, 1999 ??Rev. 6
More results

Similar Description - LS07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Integral Corp.
IN7407 INTEGRAL-IN7407 Datasheet
144Kb / 4P
Hex Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
KODENSHI_AUK CORP.
KK7407 KODENSHI-KK7407 Datasheet
195Kb / 4P
Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN54LS07 TI-SN54LS07_91 Datasheet
52Kb / 4P
HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS07 RENESAS-HD74LS07 Datasheet
53Kb / 5P
Hex Buffers / Drivers (With Open Collector High-Voltage Outputs)
logo
IK Semicon Co., Ltd
IN7407 IKSEMICON-IN7407 Datasheet
146Kb / 4P
Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN54LS07 TI-SN54LS07_08 Datasheet
513Kb / 13P
HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7407DE4 TI-SN7407DE4 Datasheet
1Mb / 17P
HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7407DG4 TI-SN7407DG4 Datasheet
1Mb / 17P
HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417J TI-SN7417J Datasheet
1Mb / 17P
HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com