Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS20AFW Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MS20AFW
Description  Miniature Slides
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MS20AFW Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  MS20AFW Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MS20AFW Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MS20AFW Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MS20AFW Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MS20AFW Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MS20AFW Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MS20AFW Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Slides
Series MS
ACTUATORS
A
.150” (3.8mm) Wide for
Single or Double Pole
B
.323” (8.2mm) Wide for
Double Pole
1
A
MS
Gold Contacts with 0.4VA Rating
SPDT
ON-NONE-ON Circuit
CIRCUITS
2
ON
NONE
ON
3
ON
OFF
ON
0
ON
ON
ON
CONTACT MATERIALS
& RATINGS
W
Silver; Rated 6A @ 125V
AC & 3A @ 250V AC
G
Gold; Rated 0.4VA max. @
28V AC/DC max.
A
Gold over Silver; Rated
6A @ 125V AC & 0.4VA
max. @ 28V AC/DC max.
2
IMPORTANT:
Switches are supplied without
UL, C-UL & CSA markings un-
less specified. Specific models
& ratings are noted on General
Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
MS12ASG30
G
.150” (3.8mm) Wide
Actuator
30
MOUNTING
F
Panel Mount
(Terminal 01 only)
N
PCB Mount
(Terminal 03 only)
S
Bracket Mount
(Terminals 13, 30, &
40 only)
TERMINALS
01
Solder Lug
03
Straight PC
13
Straight with Bracket
30
Right Angle PC
40
Vertical PC
POLES
1
SPDT
2
DPDT
SP3T
Right Angle PC Terminals
with Support Bracket
S
TYPICAL SWITCH ORDERING EXAMPLE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com