Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPE-100FS Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPE-100FS
Description  Single Output, 100W Compact, Enclosed AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPE-100FS Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPE-100FS Datasheet HTML 1Page - MicroPower Direct, LLC MPE-100FS Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Switch Selectable
88
115
132
VAC
176
220
264
248
370
VDC
Input Frequency
47
63
Hz
Input Current
See Model Selection Guide
Inrush Current
Cold Start, 115 VAC
30.0
A Pk
Cold Start, 230 VAC
60.0
Safety Ground Leakage Current
115 VAC
0.7
mA
240 VAC
1.0
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Adjustment
See Model Selection Guide
Output Voltage Tolerance, See Note 1
See Model Selection Guide
Ripple & Noise (20 MHz), See Note 2
See Model Selection Guide
Hold-Up Time
115 VAC
15
mSec
230 VAC
20
Set-Up Time
230 VAC
1,000
mSec
Rise Time
230 VAC
30
mSec
Temperature Coefficient
±0.02
%/°C
Short Circuit Protection
Continuous (Autorecovery)
Over Voltage Protection
See Note 3
115
135
%
Overload Protection
See Note 4
135
165
%
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Input to Ground
1,500
Output to Ground
500
Isolation resistance
500 VDC
100
MΩ
EMI/RFI
Conducted
EN 55022; EN 61000-3-2, -3
EMC Compliance
Electrostatic Discharge (ESD)
IEC/EN 61000-4-2, -6, -8, -11
RF Field Susceptibility
IEC/EN61000-4-3
Electrical Fast Transients/Bursts On Mains
IEC/EN 61000-4-4
Surge
IEC/EN 61000-4-5
Switching Frequency
75
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-10
+25
+60
°C
Storage Temperature Range
-20
+85
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
7.83 x 3.86 x 1.50 Inches (199.0 x 98.0 x 38.0 mm)
Case Material
Vented Metal Enclosure
Weight
22.9 Oz (0.65 kg)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Safety Standards
CAN/CSA-C22.2 No 60950-1-03, ANSI/UL Std No 60950-1, IEC 60950
Vibration
10~500 Hz, 2G 10 min/1 Cycle. Period of 60 min each along X, Y &Z Axis
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Single Output, 100W
Compact, Enclosed
AC/DC Power Supplies
Key Features:
• 100W Output Power
• Selectable 88-264 AC Input
• EN60950 Approved
• Wide Temp Operation
• Seven Single Output Models
• Meets EN55022
• >300 kHour MTBF
• Compact Metal Enclosure
Sil O t
t 100W
MPE-100FS Series
RoHS Compliant
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - MPE-100FS

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPE-150S MPD-MPE-150S Datasheet
248Kb / 2P
Single Output, 150W Compact, Enclosed AC/DC Power Supplies
MPE-150S-05 MPD-MPE-150S-05 Datasheet
248Kb / 2P
Single Output, 150W Compact, Enclosed AC/DC Power Supplies
MPE-150S-09 MPD-MPE-150S-09 Datasheet
248Kb / 2P
Single Output, 150W Compact, Enclosed AC/DC Power Supplies
MPE-150S-12 MPD-MPE-150S-12 Datasheet
248Kb / 2P
Single Output, 150W Compact, Enclosed AC/DC Power Supplies
MPE-150S-13.5 MPD-MPE-150S-13.5 Datasheet
248Kb / 2P
Single Output, 150W Compact, Enclosed AC/DC Power Supplies
More results

Similar Description - MPE-100FS

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPE-25S MPD-MPE-25S Datasheet
239Kb / 2P
Single Output, 25W Compact, Enclosed AC/DC Power Supplies
MPE-40S MPD-MPE-40S Datasheet
225Kb / 2P
Single Output, 40W Compact, Enclosed AC/DC Power Supplies
MPE-60S MPD-MPE-60S Datasheet
229Kb / 2P
Single Output, 60W Compact, Enclosed AC/DC Power Supplies
MPE-150S MPD-MPE-150S Datasheet
248Kb / 2P
Single Output, 150W Compact, Enclosed AC/DC Power Supplies
MPE-320S MPD-MPE-320S Datasheet
265Kb / 2P
Single Output, 320W Compact, Enclosed AC/DC Power Supplies
logo
List of Unclassifed Man...
R50A-15-N ETC2-R50A-15-N Datasheet
501Kb / 12P
AC-DC Power Supplies Enclosed type
logo
RSG Electronic Componen...
PAA75F RSG-PAA75F_14 Datasheet
417Kb / 12P
AC-DC Power Supplies Enclosed type
PBA30F RSG-PBA30F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
logo
COSEL CO., LTD.
PJA COSEL-PJA Datasheet
2Mb / 16P
AC-DC Power Supplies Enclosed Type
June 25, 2020
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
AC-DC Power Supplies Enclosed Type
April 17, 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com