Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND3KC10P-R Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # ND3KC10P-R
Description  8mm Process Sealed SMT DIP Rotaries
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

ND3KC10P-R Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  ND3KC10P-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. ND3KC10P-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. ND3KC10P-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. ND3KC10P-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. ND3KC10P-R Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. ND3KC10P-R Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. ND3KC10P-R Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
11-07
8mm Process Sealed SMT DIP Rotaries
Series ND3
TYPICAL SWITCH ORDERING EXAMPLE
B
ND3
Complement Coded
Hexadecimal Positions
Shaft Actuated
Gull Wing Terminals for
Upright with Bracket Mount
ACTUATORS
F
Screwdriver Actuated
K
Shaft Actuated
TERMINALS
P
Gull Wing for Upright Mount
B
Gull Wing for Upright with Bracket Mount
H
Gull Wing for Right Angle Mount
C
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
ND3KC16B
16
CIRCUITS
R
Real Coded
(White Actuator)
C
Complement Coded
(Red Actuator)
POSITIONS
10
Decimal
16
Hexadecimal
PACKAGING
R
Tape-Reel
500 Pieces/Reel
No
Code
Partitioned Tray
K
F
Screwdriver Actuated
ACTUATION
Actuator colors:
White for real coded
Red for complement coded
Actuators are fully rotational in either direction.
K
Shaft Actuated
Actuator colors:
White for real coded
Red for complement coded
3 4
ND3 - F
C10P
3 4
ND3 - K
C10B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com