Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND3FR10B-R Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # ND3FR10B-R
Description  8mm Process Sealed SMT DIP Rotaries
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

ND3FR10B-R Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  ND3FR10B-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR10B-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR10B-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR10B-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR10B-R Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR10B-R Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR10B-R Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
11-07
8mm Process Sealed SMT DIP Rotaries
Series ND3
PACKAGING
R
Tape-Reel Packaging
for Upright & Right Angle
Switches must be ordered in
500-piece increments when
tape-reel packaging is selected.
This packaging meets EIA-481-2
Standard for “16mm and 24mm
Embossed Carrier Taping of
Surface Mount Components
for Automatic Handling.”
Partitioned Tray
for Upright & Right Angle
Any Quantity
If the ND3 is ordered in less
than 500-piece increments,
the switches are packaged
in a partitioned tray. No
code is required.
No
Code



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com