Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND3FC10B-R Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # ND3FC10B-R
Description  8mm Process Sealed SMT DIP Rotaries
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

ND3FC10B-R Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  ND3FC10B-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. ND3FC10B-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. ND3FC10B-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. ND3FC10B-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. ND3FC10B-R Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. ND3FC10B-R Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. ND3FC10B-R Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
11-07
8mm Process Sealed SMT DIP Rotaries
Series ND3
TRUTH TABLES (CIRCUITS & POSITIONS)
Screwdriver Actuated • Upright with Bracket
Shaft Actuated • Upright
ND3FR10P
Terminal numbers are not on switch.
ND3KC16P
Terminal numbers are not on switch.
ND3FR10B
Terminal numbers are not on switch.
1
9
0
(7.92)
.312
(0.3)
.012
(8.12)
.320
(0.6)
.024
(2.6) Dia
.102
(5.6)
.220
(0.25) Typ
.010
(10.0)
.394
(0.4)
.016
2C
1
8C
4
(2.54) Typ
.100
(0.5) Typ
.020
1C
2
4C
8
(5.08)
.200
(0.7) Typ
.028
(7.6)
.300
(1.7) Typ
.067
1C
2
4C
8
(5.08)
.200
(0.7) Typ
.028
(7.6)
.300
(1.7) Typ
.067
2C
1
8C
4
(10.0)
.394
(5.08)
.200
(2.54) Typ
.100
(0.5) Typ
.020
(0.9) Typ
.035
2C
1
8C
4
(2.54) Typ
.100
(0.5) Typ
.020
(5.6)
.220
(0.25) Typ
.010
(10.0)
.394
(0.4)
.016
(2.6) Dia
.102
(3.2)
.126
12
EF0
(7.92)
.312
(0.6)
.024
(0.3)
.012
(8.12)
.320
(5.6)
.220
(0.25) Typ
.010
(10.0)
.394
(0.4)
.016
1
9
0
(7.92)
.312
(0.3)
.012
(8.12)
.320
(0.6)
.024
(2.6) Dia
.102
TYPICAL SWITCH DIMENSIONS
Screwdriver Actuated • Upright
Decimal
Hexadecimal
0 1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 6 7 8 9 A B C D E F
Real Coded
Model Numbers:
ND3FR, ND3KR
1
2
4
8
Complement
Coded
Model Numbers:
ND3FC, ND3KC
1
2
4
8
R
C
10
16
Actuator Position
x = ON
Terminal No. (Output)
1C
2
4C
8
(5.08)
.200
(7.8)
.307
(0.7) Typ
.028
(7.6)
.300
(1.7) Typ
.067
(1.3) Typ
.051
(1.1) Typ
.043
(2.54) Typ
.100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com