Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND3FR16B-R Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # ND3FR16B-R
Description  8mm Process Sealed SMT DIP Rotaries
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

ND3FR16B-R Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  ND3FR16B-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR16B-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR16B-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR16B-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR16B-R Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR16B-R Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR16B-R Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
11-07
8mm Process Sealed SMT DIP Rotaries
Series ND3
Distinctive Characteristics
Sealed construction prevents contact contamination and allows vapor phase and
IR reflow soldering. Sealed design accomplished with seals between the actuator
and housing and between housing and base.
Highly visible legends and choice of screwdriver or shaft actuation
to provide trouble-free code setting.
Detent mechanism designed for crisp, positive action for
accurate switch setting.
Bifurcated, spring loaded contacts give unmatched
logic-level reliability.
Heat tolerant resin used for body meets UL
flammability rating of 94V-0 and maintains
switch reliability through vapor phase and
infrared convection reflow soldering.
Gull-winged terminals ensure mechanical
stability during soldering and simplified
solder joint inspection.
.100” (2.54mm) terminal grid spacing between
pin centers, plus 3-by-3 terminal arrangement for
pad layout pattern equivalent to industry standard.
Epoxy sealed terminals lock out flux, solvents, and other contaminants.
Packaging in tape-reel or partitioned tray. Tape-reel packaging meets
EIA-481-2 Standard.
Coplanarity: all considered surfaces must lie between two parallel planes that are
a maximum distance apart of .0059” (0.15mm). (Additional coplanarity details in
Terms and Acronyms in the Supplement section.)
Actual Size


Similar Part No. - ND3FR16B-R

ManufacturerPart #DatasheetDescription
logo
LUMEL S.A.
ND30 LUMEL-ND30 Datasheet
4Mb / 8P
METER OF POWER NETWORK PARAMETERS
logo
NEC
ND3000 NEC-ND3000 Datasheet
64Kb / 2P
S TO K-BAND GaAs VARACTOR DIODE
ND3048 NEC-ND3048 Datasheet
64Kb / 2P
S TO K-BAND GaAs VARACTOR DIODE
ND3048A NEC-ND3048A Datasheet
64Kb / 2P
S TO K-BAND GaAs VARACTOR DIODE
ND3048B NEC-ND3048B Datasheet
64Kb / 2P
S TO K-BAND GaAs VARACTOR DIODE
More results

Similar Description - ND3FR16B-R

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CB315FP-R NKK-CB315FP-R Datasheet
159Kb / 4P
6mm Process Sealed SMT Tactiles
FR01FR10PB-S NKK-FR01FR10PB-S Datasheet
267Kb / 7P
10mm DIP Rotaries
FR02FR10P-S NKK-FR02FR10P-S Datasheet
173Kb / 4P
10mm Ultra-Thin SMT DIP Rotaries
G3T12AP-R NKK-G3T12AP-R Datasheet
257Kb / 6P
Ultra-Miniature Process Sealed SMT Toggles
MRB12B-A NKK-MRB12B-A Datasheet
255Kb / 5P
Miniature PCB Process Sealed Rotaries
MRA112-A NKK-MRA112-A Datasheet
390Kb / 6P
Half-Inch Diameter Process Sealed Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
8mm Process Sealed DIP Rotaries
logo
List of Unclassifed Man...
G3TOGGLES ETC2-G3TOGGLES Datasheet
618Kb / 6P
Process Sealed Ultra-Miniature SMT Toggles
FR01FC16P ETC2-FR01FC16P Datasheet
425Kb / 9P
10mm DIP Rotaries
MRA112 ETC2-MRA112 Datasheet
262Kb / 6P
Half-Inch Diameter Process Sealed Rotaries
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com