Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4503 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4503
Description  Enhancement Mode Power Mos.FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4503 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4503 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4503 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4503 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4503 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4503 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4503 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4503 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics N Channel( Tj=25 C Unless otherwise specified)
Total Gate Charge
RDS(ON)
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coefficient
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current (Tj=70 )
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
BVDS/ Tj
VGS(th)
IGSS
IDSS
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
30
0.005
1.0
100
1
25
28
42
9
2
6
8
7
19
6
610
160
120
±
V
V/
V
nA
uA
uA
m
nC
nS
pF
Ω
VGS=0V
VDS=25V
f=1.0MHz
VDD=15V
ID=1 A
VGS=10 V
RG=3.3
RD=15
Ω
Ω
ID=6 A
VDS=24V
VGS=4.5V
VGS=10V, ID=6A
VGS=4.5V, ID=4A
VGS=0V, ID=250uA
VGS= 20V
±
VDS=30V,VGS=0
VDS=24V,VGS=0
VDS=VGS, ID=250uA
Reference to 25 , ID=1mA
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
2
Forward Transconductance
Gfs
S
5.7
VDS=10V, ID=6 A
_
_
_
o
C
o
C
o
C
o
C
o
2
2
15
970
3.0
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 7
Elektronische Bauelemente
SSG4503
N Channel 6.9A, 30V,RDS(ON) 28m
Enhancement Mode Power Mos.FET
P Channel -6.3A, -30V,RDS(ON) 36m
Ω
Ω
Source-Drain Diode
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
Reverse Recovery Time
VSD
Trr
_
_
_
_
IS=6
=6A,V
1.2
18
11
A,VGS=0V.Tj=25 C
o
IS
GS
=0V
dl/dt=100A/us
V
nS
2
Reverse Recovery Charge
Qrr
_
_
nC
Notes: 1.Pulse width limited by Max. junction temperature.
2.Pulse width 300us, dutycycle 2%.
≦
≦
3.Surface mounted on 1 inch2 copper pad of FR4 board;135
when mounted on min. copper pad.
°
C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com