Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND3FR16H-R Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # ND3FR16H-R
Description  8mm Process Sealed SMT DIP Rotaries
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

ND3FR16H-R Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  ND3FR16H-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR16H-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR16H-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR16H-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR16H-R Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR16H-R Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. ND3FR16H-R Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
11-07
8mm Process Sealed SMT DIP Rotaries
Series ND3
For Upright & Upright with Bracket (Codes P & B with K Actuator)
Each tape-reel of 530 pockets contains 500 switches
Minimum Leader Length: 9.05” (230mm)
Minimum Trailer Length: 6.30” (160mm)
PACKAGING (CONTINUED)
For Right Angle (Code H with F or K Actuator)
Each tape-reel of 550 pockets contains 500 switches
Minimum Leader Length: 9.05” (230mm)
Minimum Trailer Length: 6.30” (160mm)
For Upright & Upright with Bracket (Codes P & B with F Actuator)
Each tape-reel of 550 pockets contains 500 switches
Minimum Leader Length: 9.05” (230mm)
Minimum Trailer Length: 6.30” (160mm)
Reel Dimensions
Tape Dimensions
(13.0) Dia
.512
(2.0) Typ
.079
(21.0) Dia
.827
Overall Dia (330.0)
13.0
(78.49) Dia
3.090
(2.0)
.079
(24.4)
.961
Direction of Feed
(1.5) Dia Typ
.059
(4.0) Typ
.157
(16.0) Typ
.630
(2.0) Typ
.079
(1.75)
.069
(11.5)
.453
(24.0)
.945
(10.35) Typ
.4075
7 8
(5.5)
.217
(6.1)
.240
(10.6)
.417
(0.5)
.020
(78.49) Dia
3.090
(2.0)
.079
(24.4)
.961
(13.0) Dia
.512
(2.0) Typ
.079
(21.0) Dia
.827
Overall Dia (330.0)
13.0
Direction of Feed
(4.0) Typ
.157
(16.0) Typ
.630
(2.0) Typ
.079
(1.75)
.069
(11.5)
.453
(24.0)
.945
(10.35) Typ
.4075
3456
(1.5) Dia Typ
.059
(8.6)
.339
(9.3)
.366
(10.6)
.417
(0.5)
.020
(13.0) Dia
.512
(2.0) Typ
.079
(21.0) Dia
.827
Overall Dia (330.0)
13.0
(78.49) Dia
3.090
(2.0)
.079
(24.4)
.961
(8.1)
.319
(8.7)
.343
(10.7)
.421
(0.5)
.020
(24.0)
.945
(16.0) Typ
.630
(11.5)
.453
Direction of Feed
(6.3) Typ
.248
(4.0) Typ
.157
(10.9) Typ
.429
(2.0) Typ
.079
(1.75)
.069
(1.5) Dia Typ
.059
Reel Dimensions
Tape Dimensions
Reel Dimensions
Tape Dimensions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com