Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4565 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4565
Description  Enhancement Mode Power Mos.FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4565 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4565 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4565 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4565 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4565 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4565 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4565 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4565 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
SSG4565
N Channel 7.6A, 40V,RDS(ON) 25m
Enhancement Mode Power Mos.FET
Absolute Maximum Ratings
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
Continuous Drain Current
Pulsed Drain Current
1
Total Power Dissipation
Linear Derating Factor
Operating Junction and Storage Temperature Range
Parameter
Symbol
Ratings
Unit
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient
A
V
V
A
A
ID@TA=70
/W
C
W / C
C
W
VDS
VGS
ID@TA=25
IDM
PD@TA=25
Tj, Tstg
Rthj-a
40
-40
±20
+20
30
-30
7.6
-6.5
6
-5.2
2
0.016
-55~+150
62.5
N-Channel
P-Channel
_
o
o
o
C
o
C
o
C
o
3
3
3
Description
The SSG4565 provide the designer with the best combination of fast switching,
ruggedized device design, Ultra low on-resistance and cost-effectiveness.
Features
* Simple Drive Requirement
* Lower On-resistance
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.25
Dimensions in millimeters
6.20
5.80
1.27Typ.
0.35
0.49
4.80
5.00
0
0.10
~0.25
1.35
1.75
0.40
0.90
0.19
0.25
3.80
4.00
0.375 REF
o
8
o
45
o
S1
G1
S2
G2
D1
D1
D2
D2
4565SS
Date Code
1
5
7
8
2
3
4
6
SOP-8
* Fast Switching Performance
01-Jun-2002 Rev. A
Page 1 of
7
P Channel 6.5A, 40V,RDS(ON) 33m
The SOP-8 package is universally preferred for all commercial
industrial surface mount application and suited for low
Ω
Ω
voltage applications such as DC/DC converters.
D1
G1
G2
S1
D2
S2
RoHS Compliant Product


Similar Part No. - SSG4565

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSG4565 VBSEMI-SSG4565 Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
More results

Similar Description - SSG4565

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM161 SECOS-SGM161 Datasheet
546Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SSG4501 SECOS-SSG4501 Datasheet
841Kb / 9P
Enhancement Mode Power Mos.FET
SSG4503 SECOS-SSG4503 Datasheet
1Mb / 7P
Enhancement Mode Power Mos.FET
SSG4503A SECOS-SSG4503A Datasheet
1Mb / 7P
Enhancement Mode Power Mos.FET
SSG4505 SECOS-SSG4505 Datasheet
984Kb / 7P
Enhancement Mode Power Mos.FET
SSG4575 SECOS-SSG4575 Datasheet
632Kb / 7P
Enhancement Mode Power Mos.FET
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
P-Channel Enhancement Mode Power Mos.FET
SSG4501 SECOS-SSG4501_15 Datasheet
881Kb / 9P
Enhancement Mode Power Mos.FET
SSG4503 SECOS-SSG4503_15 Datasheet
1Mb / 7P
Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com