Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4575 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4575
Description  Enhancement Mode Power Mos.FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4575 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSG4575 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4575 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4575 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4575 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4575 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4575 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4575 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
01-Jun-2002 Rev. A
Page
4 of 7
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Baue
lemen
Enhancement Mode Power Mos.FET
te
SSG4575
N Channel 6A, 60V,RDS(ON) 36m
P Channel -4.2A, - 60V,RDS(ON) 72m
Ω
Ω
Characteristics Curve N-Channel
Fig 6. Gate Threshold Voltage v.s.
Junction Temperature
Fig 5. Forward Characteristics of
Reverse Diode
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com