Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2011LS2G Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011LS2G
Description  Miniature Pushbuttons
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011LS2G Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2011LS2G Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Bushing Mount Miniature Pushbuttons
Series MB2000
.335” (8.5mm)
Threaded with D Flat
.335” (8.5mm)
Smooth with Keyway
BUSHINGS
.335” (8.5mm)
Threaded with Keyway
S1
S2
D1
.335” (8.5mm)
Threaded Splashproof without Keyway
D3
.335” (8.5mm) Metric
Threaded with Keyway
S4
Maximum Panel Thickness with
Standard Hardware: .154” (3.9mm)
Maximum Panel Thickness with
Standard Hardware: .154” (3.9mm)
Maximum Panel Thickness with
Standard Hardware: .154” (3.9mm)
Maximum Panel Thickness with
Standard Hardware: .240” (6.1mm)
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits
within the same application. See Supplement section for complete explanation of dual rating and operating range.
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Silver
G
A
CONTACT MATERIALS & RATINGS
Note: Complete explanation of operating range in Supplement section.
Power Level
6A @ 125V AC & 3A @ 250V AC
or Logic Level
or 0.4VA maximum @ 28V AC/DC maximum
For S1, S2, or S4 Bushing
with
Keyway
For S1 or S4 Bushing
with
Optional Locking Ring
For D1 Bushing
with
D Flat
For D3 Bushing
without
Keyway
Standard hardware for bushings S1, S4, & D1 includes 2 hex nuts & 1 lockwasher; D3 bushing has 1 hex nut & 1 o-ring.
Standard & optional hardware are illustrated following the Typical Switch Dimension drawings.
(2.5)
.098
(9.0) Dia
.354
(0.8)
.031
(8.5)
.335
(3.5)
.138
1/4-40 Thd
(2.5)
.098
(9.0) Dia
.354
(0.8)
.031
(8.5)
.335
(3.5)
.138
(6.2) Dia
.244
(2.5)
.098
(9.0) Dia
.354
(0.8)
.031
(8.5)
.335
(3.5)
.138
M6P0.75
(9.0) Dia
.354
(2.5)
.098
(8.5)
.335
(3.5)
.138
1/4-40 Thd
(10.0) Dia
.394
(8.5)
.335
(3.5)
.138
1/4-40 Thd
(6.5) Dia
.256
(5.6)
.220
(0.6)
.024
(6.5) Dia
.256
(6.5)
.256
(2.2) Dia
.087
(5.8)
.228
(6.5) Dia
.256
(6.5) Dia
.256
Panel Cutouts



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com