Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG9962 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9962
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9962 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG9962 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9962 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9962 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG9962 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 4
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coefficient
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current (Tj=70 )
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
BVDS/ Tj
VGS(th)
IGSS
IDSS
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
40
0.1
1.0
3.0
100
1
25
25
40
25.8
4.4
9.1
10.6
6.8
26.3
12
1165
205
142
±
V
V/
V
nA
uA
uA
m
nC
nS
pF
Ω
VGS=0V
VDS= 25V
f=1.0MHz
VDD=20V
ID=1A
VGS=10 V
RG=5.7
RD=20
Ω
Ω
ID=7A
VDS=32V
VGS=10V
VGS=10V, ID=7A
VGS=4.5V, ID=5A
VGS=0V, ID=250uA
VGS= 20V
±
VDS=40V,VGS=0
VDS=32V,VGS=0
VDS=VGS, ID=250uA
Reference to 25 , ID=1mA
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
Forward Transconductance
Gfs
S
11
VDS=10V, ID=7A
_
_
_
_
_
C
o
C
o
C
o
C
o
2
2
_
_
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Total Gate Charge
RDS(ON)
2
o
Source-Drain Diode
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
Reverse Recovery Time
VSD
Trr
_
_
_
_
IS=1.7A, VGS=0V.
Is=7A, VGS=0V
V
nS
1.2
21.2
_
Reverse Recovery Charge
Qrr
16
nC
_
dl/dt=100A/us
2
2
Elektronische Bauelemente
SSG9962
7A, 40V,RDS(ON) 25m
N-Channel Enhancement Mode Power Mos.FET
Ω
Notes: 1.Pulse width limited by Max. junction temperature.
2.Pulse width 300us, dutycycle 2%.
≦
≦
3.Surface mounted on 1 inch2 copper pad of FR4 board;135
when mounted on min. copper pad.
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com