Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG9971 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9971
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9971 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG9971 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9971 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9971 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG9971 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Total Gate Charge
50
60
32.5
4.9
8.8
9.6
10
30
5.5
1658
156
109
m
nC
nS
pF
Ω
VGS=0V
VDS=25V
f=1.0MHz
VDD=30V
ID=5A
VGS=10V
RG=3.3
RD=6
Ω
Ω
ID=5.0A
VDS=48V
VGS=10V
VGS=10V, ID=5.0A
VGS=4.5V, ID=2.5A
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
S
7
VDS=10V, ID=5.0A
_
_
_
_
_
RDS(ON)
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coefficient
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current (Tj=70 )
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
BVDS/ Tj
VGS(th)
IGSS
IDSS
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
60
0.06
1.0
3.0
100
1
25
±
V
V/
V
nA
uA
uA
VGS=0V, ID=250uA
VGS= 2 V
±
5
VDS=60V,VGS=0
VDS=48V,VGS=0
VDS=VGS, ID=250uA
Reference to 25 , ID=1mA
_
_
_
_
_
_
_
_
_
_
_
Forward Transconductance
Gfs
2
2
2
o
C
o
C
o
C
o
C
o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Source-Drain Diode
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
VDS
_
_
IS=1.6A
29.2
48
=5.0A
, VGS=0V.
V
1.2
Notes: 1.Pulse width limited by safe operating area.
2.Pulse width 300us, dutycycle 2%.
Reverse Recovery Time
Reverse Recovery Charge
_
_
_
_
Trr
Qrr
nC
nS
dl/dt=100A/us
2
IS
, VGS=0V.
≦
≦
3.Surface mounted on 1 inch2 copper pad of FR4 board; 125OC/W when mounted on min. copper pad.
01-Jun-2002 Rev. A
Page
2 of
4
Elektronische Bauelemente
SSG9971
5A, 60V,RDS(ON) 50m
N-Channel Enhancement Mode Power Mos.FET
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com