Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2310 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM2310
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM2310 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSM2310 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM2310 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM2310 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM2310 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
01-Jun-2002 Rev. A
Page
3 of 4
Elektronische Bauelemente
SSM2310
3A, 60V,RDS(ON) 90m
N-Channel Enhancement Mode Power Mos.FET
Ω
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Characteristics Curve
Fig 5. Forward Characteristics of
Reverse Diode
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 6. Gate Threshold Voltage v.s.
Junction Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com