Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3055 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM3055
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM3055 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSM3055 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM3055 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM3055 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM3055 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSM3055
4A, 30V,RDS(ON) 80m
N-Channel Enhancement Mode Power Mos.FET
Electrical Characteristics( Tj=25 C
Unless otherwise specified)
Total Gate Charge
RDS(ON)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coefficient
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current (Tj=70 )
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
BVDS/ Tj
VGS(th)
IGSS
IDSS
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
30
0.037
1.0
3.0
100
25
250
80
100
5.4
1.3
3.6
3.6
19.8
13
3.2
260
144
13
±
V
V/
V
nA
uA
uA
m
nC
nS
pF
Ω
VGS=0V
VDS=25V
f=1.0MHz
VDD=15V
ID=1A
VGS=10V
RG=3.3
RD=1.9
Ω
Ω
ID=4A
VDS=24V
VGS=5V
VGS=10V, ID=4A
VGS=4.5V, ID=3A
VGS=0V, ID=250uA
VGS= 20V
±
VDS=30V,VGS=0
VDS=24V,VGS=0
VDS=VGS, ID=250uA
Reference to 25 ,ID=1mA
_
_
_
_
Source-Drain Diode
_
_
_
_
_
_
_
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
Continuous Source Current(Body Diode)
Pulsed Source Current (Body Diode)
1
VDS
IS
ISM
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
VS=2A, VGS=0V.Tj=25
VD=VG=0V, Vs=1.3V
V
A
A
1.3
4
20
Notes: 1.Pulse width Limited by safe operating area.
2.Pulse width 300us, dutycycle 2%.
01-Jun-2002 Rev. A
Page 2 of 4
o
C
o
C
o
C
o
C
o
2
2
2
≦
≦
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com