Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM9971 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM9971
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM9971 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSM9971 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM9971 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM9971 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM9971 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSM9971
5
A, 60V,RDS(ON) 50m
N-Channel Enhancement Mode Power Mos.FET
Ω
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
SOT-223
01-Jun-2002 Rev. A
Page 1 of 4
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0°
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
S
D
G
9 9 7 1
Date Code
S
D
G
Description
The SSM9971 provide the designer with the best
combination of fast switching,low on-resistance,
* Simple Drive Requirement
* Low On-Resistance
cost-effectiveness and ruggedized device design.
Features
Absolute Maximum Ratings
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current, VGS @10V
@10V
60
25
3
3 2
Continuous Drain Current, VGS
Pulsed Drain Current
Total Power Dissipation
Linear Derating Factor
Operating Junction and Storage Temperature Range
Thermal Resistance Junction-ambient
A
V
V
A
A
ID@TA=70
/W
C
W/ C
C
W
VDS
VGS
ID@TA=25
IDM
PD@TA=25
Tj, Tstg
Rthj-a
±
0
5.0
.
2.7
0.02
-55~+150
45
Parameter
Symbol
Ratings
Unit
Parameter
Symbol
Ratings
Unit
3
3
3
1,2
Max.
o
o
o
C
o
C
o
C
o
Thermal Data
RoHS Compliant Product


Similar Part No. - SSM9971

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM9971-C SECOS-SSM9971-C Datasheet
311Kb / 4P
N-Channel Enhancement Mode Power MOSFET
logo
Silicon Standard Corp.
SSM9971GD SSC-SSM9971GD Datasheet
574Kb / 5P
Dual N-channel Enhancement-mode Power MOSFETs
SSM9971GH SSC-SSM9971GH Datasheet
286Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM9971GJ SSC-SSM9971GJ Datasheet
286Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM9971GM SSC-SSM9971GM Datasheet
529Kb / 5P
Dual N-channel Enhancement-mode Power MOSFETs
More results

Similar Description - SSM9971

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM161 SECOS-SGM161 Datasheet
546Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2308 SECOS-SGM2308 Datasheet
379Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2310 SECOS-SGM2310 Datasheet
508Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SID01L60 SECOS-SID01L60 Datasheet
710Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2304 SECOS-SMG2304 Datasheet
454Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SMG2304A SECOS-SMG2304A Datasheet
455Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG3018K SECOS-SMG3018K Datasheet
719Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com