Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2123 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # ST2123
Description  CMOS Positive Voltage Regula tor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ST2123 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ST2123 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ST2123 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH ST2123 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH ST2123 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH ST2123 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH ST2123 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH ST2123 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH ST2123 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Elektronische Bauelemente
ST2123
CMOS Positive
Voltage Regulator
*
Adjustable Output Voltage
Features
* High Accurate
* Over-Temperature Shutdown
1.5%
* Very Low Dropout Voltage
*
Low Temperature Coefficient
* Short Circuit Current Fold-back
* Guaranteed 300mA output
* Current Limiting
* Portable Electronics
Applications
* PC Peripherals
* Wireless Devices
* Battery Powered Widgets
* Electronic Scales
* Instrumentation
* Cordless Phones
and Current Fold-back to prevent device failure under the "Worst" of
operating conditions. The SOT-26 version also features a "Power Good"
detector, which pulls low when the output is out of regulation.
The ST2123 is stable with an output capacitance of 2.2µF or greater.
01-Jun-2002 Rev. A
Page 1 of 8
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Typical Application Circuit
Functional Block Diagram
Description
The ST2123 series of positive,linear regulators feature low quiescent
current (35µA typ.) with low dropout voltage, making them ideal
f
or battery applications. These rugged devices have both Thermal Shutdown,
ST2123
REF.
Min.
Max.
REF.
Millimeter
A
2.70
3.10
G
1.90 REF.
B
2.60
3.00
H
1.20 REF.
C
1.40
1.80
I
0.12 REF.
D
0.30
0.55
J
0.37 REF.
E
0
0.10
K
0.60 REF.
F
0°
10°
L
0.95 REF.
Millimeter
Dimensions
*
Power Good Detector
*
Power-Saving Shutdown Mode
±


Similar Part No. - ST2123

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST212001 E-SWITCH-ST212001 Datasheet
115Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST212002 E-SWITCH-ST212002 Datasheet
70Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST212003 E-SWITCH-ST212003 Datasheet
74Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST212019 E-SWITCH-ST212019 Datasheet
110Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST212024 E-SWITCH-ST212024 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST2123

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5M2163 SECOS-S5M2163 Datasheet
957Kb / 7P
CMOS Positive Voltage Regula tor
S62VP SECOS-S62VP Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
S2113 SECOS-S2113 Datasheet
638Kb / 5P
CMOS Positive Voltage Regula tor
SN2133 SECOS-SN2133 Datasheet
587Kb / 5P
CMOS Positive Voltage Regula tor
SQ2113 SECOS-SQ2113 Datasheet
958Kb / 5P
CMOS Positive Voltage Regula tor
SQ2131 SECOS-SQ2131 Datasheet
1,002Kb / 5P
CMOS Positive Voltage Regula tor
SQ2143 SECOS-SQ2143 Datasheet
1Mb / 8P
CMOS Positive Voltage Regula tor
SQ2153 SECOS-SQ2153 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SQ2163 SECOS-SQ2163 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SQ2181 SECOS-SQ2181 Datasheet
1Mb / 5P
CMOS Positive Voltage Regula tor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com