Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT3585 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3585
Description  N And P-Channel Enhancement Mode Power Mos.FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3585 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  STT3585 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3585 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3585 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3585 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STT3585 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STT3585 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH STT3585 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
5 of 7
Elektronische Bauelemente
STT3585
3.5A, 20V,RDS(ON)75m
N And P-Channel Enhancement Mode Power Mos.FET
-2.5 A, -20V,RDS(ON)160mΩ
Ω
N-Channel
Fig 10. Effective Transient Thermal Impedance
Fig 9. Maximum Safe Operating Area
Fig 8. Typical Capacitance Characteristics
Fig 7. Gate Charge Characteristics
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
180 /W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com