Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT6601 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT6601
Description  N & P-Channel Enhancement Mode Mos.FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT6601 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT6601 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STT6601 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Elektronische Bauelemente
STT6601
(N-Ch) 2.8 A, 30 V, RDS(ON) 68 m
Ω
(P-Ch) -2.8 A, -30 V, RDS(ON) 120 m
Ω
N & P-Channel Enhancement Mode Mos.FET
01-June-2007 Rev. C
Page 2 of 6
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
N-Ch
30
-
-
VGS=0, ID=250uA
Drain-Source Breakdown
Voltage
P-Ch
BVDSS
-30
-
-
V
VGS=0, ID=-250uA
N-Ch
0.8
-
1.6
VDS=VGS, ID=250uA
Gate Threshold Voltage
P-Ch
VGS(th)
-0.4
-1.0
V
VDS=VGS, ID=-250uA
N-Ch
-
4.6
-
VDS=4.5V, ID=-6.0A
Forward Transconductance
P-Ch
gfs
-
4
-
S
VDS=-10V, ID=-2.8A
N-Ch
-
-
±100
VDS= 0 V, VGS=±12 V
Gate Leakage Current
P-Ch
IGSS
-
-
±100
nA
VDS= 0 V, VGS=±12 V
N-Ch
-
-
1
VDS=24 V, VGS=0 V
P-Ch
-
-
-1
VDS=-24V, VGS=0 V
N-Ch
-
-
10
VDS=24V, VGS=0 V, TJ=55℃
Zero Gate Voltage Drain Current
(Tj=25 )
℃
P-Ch
IDSS
-
-
-10
uA
VDS=-24V, VGS=0 V, TJ=55℃
N-Ch
6
-
-
VDS ≧ 5V, VGS=10 V
On-State Drain Current
P-Ch
ID(on)
-6
-
-
A
VDS ≦ -5V, VGS= -10 V
N-Ch
-
0.048
0.068
VGS=10V, ID=2.8A
P-Ch
-
0.077
0.105
VGS=-10V, ID=-2.8A
N-Ch
-
0.054
0.078
VGS=4.5V, ID=2.3A
P-Ch
-
0.092
0.120
VGS=-4.5V, ID=-2.5A
N-Ch
-
0.079
0.108
VGS=2.5V, ID=1.5A
Drain-Source On-Resistance
P-Ch
RDS(ON)
-
0.118
0.150
Ω
VGS=-2.5V, ID=-1.5A
N-Ch
-
4.2
6
Total Gate Charge
P-Ch
Qg
-
5.8
-
N-Ch
-
0.6
-
Gate-Source Charge
P-Ch
Qgs
-
0.8
-
N-Ch
-
1.5
-
Gate-Drain Charge
P-Ch
Qgd
-
1.5
-
nC
N-Channel
VDS=15V, VGS=4.5V , ID=2.0A
P-Channel
VDS=-15V, VGS=-4.5V ,ID=-2.0A
N-Ch
-
2.5
-
P-Ch
Td(on)
-
6
-
N-Ch
-
2.5
-
Turn-on Time
P-Ch
Tr
-
3.9
-
N-Ch
-
20
-
P-Ch
Td(off)
-
40
-
N-Ch
-
4
-
Turn-off Time
P-Ch
Tf
-
15
-
ns
N-Channel
VDD=15V
RL=10Ω
VGEN=10V
RG=3Ω
P-Channel
VDD=-15V
RL=15Ω
VGEN=-10V
RG=3Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com