Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT8205S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT8205S
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT8205S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT8205S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT8205S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT8205S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT8205S Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
STT8205S
6 A, 20V,RDS(ON) 28m
N-Channel Enhancement Mode Power Mos.FET
Absolute Maximum Ratings
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current,VGS@4.5V
Continuous Drain Current,VGS@4.5V
Pulsed Drain Current
Ω
Total Power Dissipation
Linear Derating Factor
Operating Junction and Storage Temperature Range
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient (Max)
A
V
V
A
A
ID@TA=70
/W
C
W/ C
C
W
VDS
VGS
ID@TA=25
IDM
PD@TA=25
Tj, Tstg
Rthj-a
20
±8
20
6
4.8
1.14
0.01
110
-55~+150
3
3
3
1
o
o
o
C
o
C
o
C
o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Parameter
Symbol
Ratings
Unit
01-Jun-2002 Rev. A
Page 1 of
4
G1
S2
G2
D1
S1
D2
8 2 0 5 S
Description
The STT8205S provide the designer with best combination of fast
* Low On-Resistance
The TSSOP-6 package is universally used for all commercial-
switching, low on-resistance and cost-effectiveness.
Features
* Low Drive Current
* Capable of 2.5V Gate Drive
Millimeter
Millimeter
industrial surface mount applications.
Date Code
1
5
2
3
4
6
D1
G1
S1
G2
D2
S2
REF.
Min.
Max.
REF.
Min.
Max.
A
1.10 MAX.
L
0.45 REF.
A1
0
0.10
L1
0.60 REF.
A2
0.70
1.00
0°
10°
c
0.12 REF.
b
0.30
0.50
D
2.70
3.10
e
0.95 REF.
E
2.60
3.00
e1
1.90 REF.
E1
1.40
1.80
RoHS Compliant Product


Similar Part No. - STT8205S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT8205S SECOS-STT8205S Datasheet
897Kb / 4P
N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
STT8205S VBSEMI-STT8205S Datasheet
1Mb / 9P
Dual N-Channel 20 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT8205S SECOS-STT8205S_11 Datasheet
897Kb / 4P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - STT8205S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM161 SECOS-SGM161 Datasheet
546Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2308 SECOS-SGM2308 Datasheet
379Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2310 SECOS-SGM2310 Datasheet
508Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SID01L60 SECOS-SID01L60 Datasheet
710Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2304 SECOS-SMG2304 Datasheet
454Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SMG2304A SECOS-SMG2304A Datasheet
455Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG3018K SECOS-SMG3018K Datasheet
719Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com