Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9012 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST9012
Description  PNP Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST9012 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST9012 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST9012 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 19/03/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 9012
PNP Silicon Epitaxial Planar Transistor
for switching and amplifier applications. Especially
suitable for AF-driver stages and low power output
stages.
The transistor is subdivided into three groups, G,
H and I, according to its DC current gain. As
complementary type the NPN transistor 9013 is
recommended.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
40
V
Collector Emitter Voltage
-VCEO
30
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
500
mA
Power Dissipation
Ptot
625
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at -VCE = 1 V, -IC = 50 mA
Current Gain Group
at -VCE = 1 V, -IC = 500 mA
G
H
I
hFE
hFE
hFE
hFE
110
177
250
40
183
250
380
-
-
-
-
-
Collector Base Cutoff Current
at -VCB = 35 V
-ICBO
-
100
nA
Emitter Base Cutoff Current
at -VEB = 5 V
-IEBO
-
100
nA
Collector Base Breakdown Voltage
at -IC = 100 μA
-V(BR)CBO
40
-
V
Collector Emitter Breakdown Voltage
at -IC = 1 mA
-V(BR)CEO
30
-
V
Emitter Base Breakdown Voltage
at -IE = 100 μA
-V(BR)EBO
5
-
V
Collector Emitter Saturation Voltage
at -IC = 500 mA, -IB = 50 mA
-VCE(sat)
-
0.6
V
Base Emitter Saturation Voltage
at -IC = 500 mA, -IB = 50 mA
-VBE(sat)
-
1.2
V
Base Emitter Voltage
at -VCE = 1 V, -IC = 100 mA
-VBE
-
1
V
Gain Bandwidth Product
at -VCE = 6 V, -IC = 20 mA
fT
100
-
MHz
1. Emitter 2. Base 3. Collector
TO-92 Plastic Package


Similar Part No. - ST9012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST901 STMICROELECTRONICS-ST901 Datasheet
61Kb / 4P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Jun-1997
logo
SEMTECH ELECTRONICS LTD...
ST9011 SEMTECH_ELEC-ST9011 Datasheet
146Kb / 2P
NPN Silicon Epitaxial Planar Transistor
ST9013 SEMTECH_ELEC-ST9013 Datasheet
242Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
STMicroelectronics
ST90135 STMICROELECTRONICS-ST90135 Datasheet
1Mb / 190P
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
Rev. 3.0
ST90135M4Q6 STMICROELECTRONICS-ST90135M4Q6 Datasheet
1Mb / 190P
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
Rev. 3.0
More results

Similar Description - ST9012

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com