Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUF503C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SUF503C
Description  5.0AMP Surface Mount Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SUF503C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SUF503C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SUF503C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SUF501C THRU SUF505C
VOLTAGE 50V ~ 600V
5.0AMP Surface Mount Super Fast Recovery Rectifiers
0.1
1.0
.01
10
15
RATING AND CHARACTERISTIC CURVES (SUF501C THRU SUF505C)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
1.0
2.0
3.0
4.0
70
60
50
40
30
20
10
0
(+)
(+)
25Vdc
(approx.)
( )
( )
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.4
.6
0.8 1.0 1.2 1.4 1.6 1.8
5.0
AMBIENT TEMPERATURE ( C)
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0
20
40
60
80
100
120
140
160
180
200
0
5.0
6.0
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
30
0
60
90
120
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
SUF501C~503C
8.3ms Single Half
Sine Wave
JEDEC method
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Tj=25 C
SUF504C
SUF505C
3.0
01-Jun-2002 Rev. A
Page
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com