Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # TL431
Description  3-Terminal Adjustable Shunt Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

TL431 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  TL431 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH TL431 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH TL431 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cathode Voltage
-100~+150
150, -65~+150
Cathode Current Range (Continuous)
Storage Temperature Range
Tj ,Tstg
IKA
C
o
Operating Junction And
Parameter
Symbol
Ratings
Unit
V
mA
VKA
37
Absolute Maximum Ratings at TA=25 C
Total Power Dissipation
PD
625
mW
o
Reference Input Current Range
IREF
-0.05~+10
mA
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 3
Description
The TL431 series are three-terminal adjustable regulators
with guaranteed thermal stability over applicable temperature
ranges. The output voltage may be set to any value between
VREF (approximately 2.495V) and 36V with two external resistors.
It provides very wide applications, including shunt regulator,
series regulator, switching regulator, voltage reference and others.
Elektronische Bauelemente
TL431
3-Terminal
Adjustable Shunt
Regulator
Characteristics at Ta = 25 ::::
Parameter
Symbol
Min
Typ.
Max.
Unit
Test Conditions
Cathode Voltage
VKA
VREF
-
36
V
Cathode Current
IKA
1
-
100
mA
Reference Input Voltage
TL431C
2.445
TL431B
2.470
TL431A
VREF
2.483
2.495
2.545
2.495
2.520
VKA= VREF,IK=10mA
2.495
2.507
V
Deviation of reference Input Voltage
VKA=VREF,IK=10mA
Over temperature(note)
VREF/ T
-
4.5
17
mV
Tmin Ta Tmax
Ratio of Change in Reference Input
-
-1.0
-2.7
VKA=10V~VREF
Voltage to the Change in Cathode Voltage
VREF/ VKA
-
-0.5
-2.0
mV/V IK=10mA
VKA=36V~10V
Reference Input Current
IREF
-
1.5
4
uA
IK=10mA,R1=10K ,R2=
Deviation of reference Input Current
IK=10mA,R1=10K ,R2=
Over Full Temperature Range
IREF/ T
-
0.4
1.2
uA
TA=Full Temperature
Minimum Cathode Current for Regulation
IKA(min)
-
0.45
1.0
mA
VKA=VREF
Off-State Cathode Current
IKA(off)
-
0.05
1.0
uA
VKA=36V,VREF=0
Dynamic Impedance
‡ZkA
-
0.15
0.5
VKA=VREF,IK=1 to 100mA,F 1.0KHz
Note: Tmin= 0 ,Tmax=+70
e1
b
e
SEATING
PLANE
b1
D
C
S1
E
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Millimeter
Millimeter
TO-92


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
3-Terminal Adjustable Regulator
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
SeCoS Halbleitertechnol...
STL431 SECOS-STL431 Datasheet
731Kb / 3P
3-Terminal Adjustable Shunt Regulator
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com