Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432K Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # TL432K
Description  Adjustable Shunt Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

TL432K Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  TL432K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH TL432K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH TL432K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH TL432K Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH TL432K Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
01-Jun-2002 Rev. A
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
TL432K
Adjustable Shunt Regulator
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Supply Voltage
VKA
20
V
Differential Input Voltage
IKA
-10 ~ +250
mA
Input Voltage
IREF
-0.05 ~ +10
mA
Power Dissipation
PD
225
mW
Opearting, Storage Temperature
TJ, TSTG
150, -65~150
°C
ELECTRICAL CHARACTERISTICS (VCC=5V, All voltage referenced to GND unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
1.215
1.265
1.228
1.252
Referencet Voltage TL432KC
TL432KB
TL432KA
VREF
VKA = VREF, IK = -10mA (Fig. 1)
1.234
1.24
1.246
V
Deviation of reference input
voltage over temperature (note 1)
ΔV
REF
/
ΔT
VKA = VREF, IK = -10mA,
Ta = Full Range (Fig. 1)
3.0
20
mV
Ratio of Change in reference
input voltage to the change in
cathode voltage
ΔV
REF
/
ΔV
KA
IK = -10 mA
(Fig. 2)
Δ
VKA =
20V~VREF
-1.4
-2.0
mV
/V
Reference Input Current
IREF
IK = 10mA, R1 = 10K ,
R2 =
(Fig.2)
1.4
3.5
A
Deviation of reference input
current over temperature range
IREF
IK = 10mA, R1 = 10 KW,
R2 =
(Fig. 2)
0.4
1.2
A
Off-State Cathode Current
IKA(off)
VKA = 20V, VREF = 0 (Fig.3)
0.1
1.0
A
Dynamic Output Inpedance
(note 2)
|ZkA|
VKA = VREF , IK = 1 ~ 100 mA
F ≦ 1.0 KHz (Fig. 1)
0.2
0.5
Minimum cathode current for
regulation
IKA(min)
VKA = VREF (Fig. 1)
0.15
0.3
mA
Note 1. Deviation of reference input voltage, VDEV, is defined as the maximum variatio of the reference over the full temperature range.
The average temperature coefficient of the reference input voltage α VREF is defined as:
Where:
T2-T1 = full temperature change.
α VREF can be positive or negative depending on whether the slope is positive or negative.
Note 2. The dynamic output impedance, RZ, is defined as:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com