Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1302 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CDK1302
Description  8-bit, 750 MSPS, Flash A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1302 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CDK1302 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
4
Data Sheet
Electrical Characteristics
(TJ = TC = TA = +25°C , VEE = -5.2V, VRB = -2.0V, VRM = -1.0V, VRT = 0.00V, ƒCLK = 750MHz, Duty Cycle=50%,
unless otherwise specified)
cDK1302a
cDl1302B
symbol
parameter
conditions
Min
typ
Max
Min
typ
Max
units
Resolution
8
8
bits
DC Performance
DLE
Differential Linearity Error(1)
ƒclk = 100MHz
-1.0
+1.0
-1.5
+1.5
LSB
ILE
Integral Linearity Error(1)
ƒclk = 100MHz
-0.85
+0.95
-0.95
+1.5
LSB
No Missing Codes
Guaranteed
Guaranteed
Analog Input
Input Voltage Range(1)
VRB
VRT
VRB
VRT
V
Input Bias Current(1)
VIN = 0V
0.75
2.0
0.75
2.0
mA
Input Resistance
15
15
kΩ
Input Capacitance
Over Full Input Range
15
15
pF
Input Bandwidth
Small Signal
900
900
MHz
Large Signal
500
500
MHz
Offset Error(2)
VRT
-30
+30
-30
+30
mV
Offset Error(2)
VRB
-30
+30
-30
+30
mV
Input Slew Rate
5
5
V/ns
Clock Synchronous Input Currents
2
2
μA
Reference Input
Ladder Resistance(1)
60
80
60
80
Ω
Reference Bandwidth
30
30
MHz
Timing Characteristics
Maximum Sample Rate(1)
750
750
MHz
Aperture Jitter
2
2
ps
Acquisition Time
250
250
ps
CLK to Data Delay(2)
0.9
1.4
1.9
0.9
1.4
1.9
ns
CLK to Data Ready Delay(2)
1.25
1.75
2.25
1.25
1.75
2.25
ns
Dynamic Performance
SNR
Signal-to-Noise Ratio
ƒIN = 50MHz(1)
46
44
dB
ƒIN = 250MHz(1)
44
42
dB
THD
Total Harmonic Distortion
ƒIN = 50MHz(1)
-45
-43
dBc
ƒIN = 250MHz(1)
-37
-35
dBc
SFDR
Spurious Free Dynamic Range
ƒIN = 50MHz(1)
48
44
dB
ƒIN = 250MHz(1)
40
36
dB
SINAD
Signal-to-Noise and Distortion
ƒIN = 50MHz(1)
43
41
dB
ƒIN = 250MHz(1)
36
34
dB
notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.
3. Typical Thermal Impedance:
θJC = +4°C/W.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com