Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1303 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CDK1303
Description  8-bit, 1 GSPS, Flash A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1303 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CDK1303 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
2
Data Sheet
Pin Configuration
MQUAD-80
CDK1303
Pin Assignments
Pin Name
Description
VEE
Negative Supply Nominally -5.2V
AGND
Analog Ground
VRTF
Reference Voltage Force Top, Nominally 0V
VRTS
Reference Voltage Sense Top
VRM
Reference Voltage Middle, Nominally -1V
VRBF
Reference Voltage Force Bottom, Nominally -2V
VRBS
Reference Voltage Sense Bottom
VIN
Analog Input Voltage, Can Be Either Voltage or Sense
DGND
Digital Ground
D0-D7A
Data Output Bank A
D0-D7B
Data Output Bank B
DRA
Data Ready Bank A
DRA
Not Data Ready Bank A
DRB
Data Ready Bank B
DRB
Not Data Ready Bank B
D8A
Overrange Output Bank A
D8B
Overrange Output Bank B
CLK
Clock Input
CLK
Clock Input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com