Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5000F Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # R5000F
Description  HIGH VOLTAGE FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

R5000F Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  R5000F Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. R5000F Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 28/05/2005 H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
R2500F THRU R3000F (DO-41)
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
Reverse Voltage – 2500 to 3000 Volts
Forward Current – 0.2 Amperes
Features
•
Fast switching
•
Low leakage
•
High current capability
•
High surge capability
•
High reliability
Absolute Maximum Ratings and Characteristics
Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Symbols
R2500F
R3000F
Units
Maximum recurrent peak reverse voltage
VRRM
2500
3000
V
Maximum RMS voltage
VRMS
1750
2100
V
Maximum DC blocking voltage
VDC
2500
3000
V
Maximum forward voltage at 0.2 A
VF
4.0
5.0
V
Maximum average forward rectified current
.375”(9.5mm) lead length at TA = 50℃
I(AV)
0.2
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC method)
IFSM
30
A
Maximum reverse current at TA = 25℃
at rated DC blocking voltage TA = 100℃
5.0
100
Maximum full load reverse current average,
Full cycle 0.375”(9.5mm)lead length at TL = 55℃
IR
100
μ
A
Maximum reverse recovery time (Note 1)
TRR
500
ns
Operating and storage temperature range
TJ ,TS
-55 to +150
℃
Notes: (1) Reverse recovery test conditions IF=0.5A, IR=1A, IRR=0.25A.


Similar Part No. - R5000F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R5000F RECTRON-R5000F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Dc Components
R5000F DCCOM-R5000F Datasheet
401Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
R5000F LRC-R5000F Datasheet
29Kb / 1P
HIGH VOLTAGE FAST RECOVERY DIODES
logo
Micro Commercial Compon...
R5000F MCC-R5000F Datasheet
67Kb / 3P
0.2mA Fast Recovery High Voltage Rectifier 3500 - 6000 Volts
logo
List of Unclassifed Man...
R5000F ETC-R5000F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - R5000F

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
R1200F JGD-R1200F Datasheet
128Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Bytes
R1200F BYTES-R1200F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP02-12E EIC-RGP02-12E Datasheet
19Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Formosa MS
R1200F FORMOSA-R1200F Datasheet
34Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
HFR125 EIC-HFR125 Datasheet
36Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
R1200F UNIOHM-R1200F Datasheet
67Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
R1200F GWSEMI-R1200F Datasheet
68Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
R3000F LRC-R3000F_15 Datasheet
339Kb / 7P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
R1500F DGNJDZ-R1500F Datasheet
283Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
GR15-G-2 EIC-GR15-G-2 Datasheet
435Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com