Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SD1817Z Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SD1817Z
Description  NPN Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SD1817Z Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2SD1817Z Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SD1817Z Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SD1817Z Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 10/08/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SD1817Z
NPN Silicon Epitaxial Planar Transistor
Motor drivers, hammer drivers and
relay drivers applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
80
V
Collector Emitter Voltage
VCEO
60
V
Emitter Base Voltage
VEBO
6
V
Collector Current
IC
3
A
Collector Current (Pulse)
ICP
6
A
Collector Dissipation
Collector Dissipation @ TC = 25 OC
PC
1
15
W
Junction Temperature
TJ
150
O
C
Storage Temperature Range
Ts
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 2 V, IC = 1 A
at VCE = 2 V, IC = 2 A
hFE
hFE
2000
1000
-
-
-
-
Collector Base Breakdown Voltage
at IC = 1 mA
V(BR)CBO
80
-
V
Collector Emitter Breakdown Voltage
at IC = 25 mA
V(BR)CEO
60
-
V
Collector Cutoff Current
at VCB = 60 V
ICBO
-
10
µA
Emitter Cutoff Current
at VEB = 5 V
IEBO
-
2.5
mA
Collector Emitter Saturation Voltage
at IC = 2 A, IB = 4 mA
VCE(sat)
-
1.5
V
Base Emitter Saturation Voltage
at IC = 2 A, IB = 4 mA
VBE(sat)
-
2
V


Similar Part No. - ST2SD1817Z

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SD1817R SEMTECH_ELEC-ST2SD1817R Datasheet
233Kb / 3P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SD1817Z

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com