Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1304 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CDK1304
Description  10-bit, 25 MSPS 135mW A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1304 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CDK1304 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1304 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1304 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1304 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1304 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1304 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1304 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1304 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1304 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
10
Data Sheet
Input Protection
All I/O pads are protected with an on-chip protection circuit
shown in Figure 6. This circuit provides ESD robustness
to 3.5kV and prevents latch-up under severe discharge
conditions without degrading analog transition times.
Figure 7. On-Chip Protection Circuit
Power Supply Sequencing Considerations
All logic inputs should be held low until power to the
device has settled to the specific tolerances. Avoid power
decoupling networks with large time constants that could
delay VDD power to the device.
Clock Input
The CDK1304 is driven from a single-ended TTL-input
clock. Because the pipelined architecture operates on the
rising edge of the clock input, the device can operate over
a wide range of input clock duty cycles without degrading
the dynamic performance.
Digital Outputs
The digital outputs (D0–D10) are driven by a separate
supply (OVDD) ranging from +3 V to +5 V. This feature
makes it possible to drive the CDK1304 TTL/CMOS com-
patible outputs with the user’s logic system supply. The
format of the output data (D0–D9) is straight binary. (See
Table 3.) The outputs are latched on the rising edge of
CLK. These outputs can be switched into a tri-state mode
by bringing EN high.
Table 3. Output Data Information
Analog Input
Overrange D10
Output Code D9-D0
+F.S. + 1/2 LSB
1
1 1 1 1 1 1 1 1 1 1
+F.S. –1/2 LSB
0
1 1 1 1 1 1 1 1 1Ø
+1/2 F.S.
0
ØØ ØØØØ ØØØØ
+1/2 LSB
0
0 0 0 0 0 0 0 0 0 Ø
0.0V
0
0 0 0 0 0 0 0 0 0 0
(Ø indicates the flickering bit between logic 0 and 1.)
Overrange Output
The Overrange Output (D10) is an indication that the ana-
log input signal has exceeded the positive fullscale input
voltage by 1 LSB. When this condition occurs, D10 will
switch to logic 1. All other data outputs (D0 to D9) will
remain at logic 1 as long as D10 remains at logic 1.
This feature makes it possible to include the CDK1304 in
higher resolution systems.
Evaluation Board
The TBD evaluation board is available to aid designers
in demonstrating the full performance of the CDK1304.
This board includes a reference circuit, clock driver circuit,
output data latches, and an on-board reconstruction of
the digital data. An application note describing the opera-
tion of this board, as well as information on the testing
of the CDK1304, is also available. Contact the factory for
price and availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com