Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1305 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # CDK1305
Description  10-bit, 40 MSPS 175mW A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1305 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button CDK1305 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1305 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1305 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1305 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1305 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1305 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1305 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1305 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1305 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
6
Data Sheet
Typical Performance Characteristics
(TA = TMin to TMax, AVDD = DVDD = OVDD = +5V, VIN = 0 to 4V, ƒclk = 40 MSPS, VRHS = 4V, VRLS = 0V; unless otherwise noted)
performance vs. sample rate
snr, tHD, sinaD vs. input freq.
snr, tHD vs. input range
power Dissipation vs. sample rate
spectral response
performance vs. temperature
63
54
55
56
57
58
59
60
61
62
0
5
10
15
20
25
30
35
40
Sample Rate (MSPS)
ƒIN = 1MHz
THD
SNR
SINAD
80
10
20
30
40
50
60
70
0
10
100
1000
Input Frequency (MHz)
THD
SNR
SINAD
70
0
10
20
30
40
50
60
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Input Range (V)
THD
SNR
ƒIN = 1MHz
ƒS = 40 MSPS
220
200
60
80
100
120
140
160
180
10
15
20
25
30
35
40
45
Sample Rate (MSPS)
VIN = 4V Sinewave
VIN = 0V
0
-120
-90
-60
-30
0
1
2
3
4
5
6
7
8
9
10
Input Frequency (MHz)
ƒIN = 1.035MHz
ƒS = 40 MSPS
62
50
52
54
56
58
60
-40
-20
0
20
40
60
80
100
Temperature (°C)
ƒIN = 1MHz
ƒS = 40 MSPS
THD
SNR
SINAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com