Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1306CSO28 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # CDK1306CSO28
Description  10-bit, 40 MSPS 160mW A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1306CSO28 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  CDK1306CSO28 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1306CSO28 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1306CSO28 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1306CSO28 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1306CSO28 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1306CSO28 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1306CSO28 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1306CSO28 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1306CSO28 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
3
Data Sheet
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the “Absolute Maximum Ratings”. The device
should not be operated at these “absolute” limits. Adhere to the “Recommended Operating Conditions” for proper device
function. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect the
operating conditions noted on the tables and plots.
Parameter
Min
Max
Unit
Supply Voltages
AVDD
+6
V
DVDD
+6
V
Input Voltages
Analog input
-0.5
AVDD +0.5
V
VRef
0
AVDD
V
CLK input
VDD
V
AVDD – DVDD
-100
100
mV
AGND – DGND
-100
100
mV
Digital Outputs
10
mA
Reliability Information
Parameter
Min
Typ
Max
Unit
Storage Temperature Range
-65
+150
°C
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Operating Temperature Range
0
+70
°C
Junction Temperature Range
+175
°C
Lead Temperature (soldering 10 seconds)
+300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com