Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1305CTQ32 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CDK1305CTQ32
Description  10-bit, 40 MSPS 175mW A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1305CTQ32 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CDK1305CTQ32 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1305CTQ32 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1305CTQ32 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1305CTQ32 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1305CTQ32 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1305CTQ32 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1305CTQ32 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1305CTQ32 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1305CTQ32 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
4
Data Sheet
Electrical Characteristics
(TA = TMin to TMax, AVDD = DVDD = OVDD = +5V, VIN = 0 to 4V, ƒclk = 40 MSPS, VRHS = 4V, VRLS = 0V; unless otherwise noted)
symbol
parameter
conditions
Min
typ
Max
units
Resolution
10
bits
DC Performance
DLE
Differential Linearity Error(1)
-0.5
+0.5
LSB
ILE
Integral Linearity Error(1)
-1.0
+1.0
LSB
No Missing Codes
Guaranteed
Analog Input
Input Voltage Range(1)
VRLS
VRHS
V
Input Resistance(2)
50
kΩ
Input Capacitance
5
pF
Input Bandwidth
Small Signal
250
MHz
Gain Error
±2.0
LSB
Offset Error
±2.0
LSB
Reference Input
Resistance(1)
300
500
600
Ω
Bandwidth
Small Signal
150
MHz
Voltage Range
VRLS(2)
0
2.0
V
VRHS(2)
3.0
AVDD
V
VRHS – VRLS
4.0
V
Δ (VRHF – VRHS)
90
mV
Δ (VRLS – VRLF)
75
mV
Reference Settling Time
VRHS
15
CLK Cycle
VRLS
20
CLK Cycle
Conversion Characteristics
Maximum Conversion Rate(1)
40
MHz
Minimum Conversion Rate(2)
2
MHz
Pipeline Delay (Latency)(2)
12
CLK Cycle
Aperture Delay Time
4.0
ns
Aperture Jitter Time
30
pspp
Dynamic Performance
ENOB
Effective Number of Bits
ƒIN = 3.58MHz
8.5
Bits
ƒIN = 10.3MHz
8.3
Bits
SNR
Signal-to-Noise Ratio w/o Harmonics
ƒIN = 3.58MHz(1)
52
54
dB
ƒIN = 10.3MHz(1)
51
52
dB
THD
Total Harmonic Distortion
ƒIN = 3.58MHz(1) ,
9 distortion bins from 1024 pt FFT
55
61
dB
ƒIN = 10.3MHz(1) ,
9 distortion bins from 1024 pt FFT
52
53
dB
SINAD
Signal-to-Noise and Distortion
ƒIN = 3.58MHz(1)
51
54
dB
ƒIN = 10.3MHz(1)
49
52
dB
notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com