Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1306CSO28_Q Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # CDK1306CSO28_Q
Description  10-bit, 40 MSPS 160mW A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1306CSO28_Q Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button CDK1306CSO28_Q Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
8
Data Sheet
Typical Interface Circuit
Very few external components are required to achieve
the stated device performance. Figure 3 shows the typical
interface requirements when using the CDK1306 in normal
circuit operation. The following sections provide
descriptions of the major functions and outline critical
performance criteria to consider for achieving the optimal
device performance.
Power Supplies And Grounding
Cadeka suggests that both the digital and the analog supply
voltages on the CDK1306 be derived from a single analog
supply as shown in Figure 3. A separate digital supply
should be used for all interface circuitry. Cadeka suggests
using this power supply configuration to prevent a pos-
sible latch-up condition on powerup.
Operating Description
The general architecture for the CMOS ADC is shown in the
Block Diagram. The design contains 16 identical successive
approximation ADC sections, all operating in parallel, a 16-
phase clock generator, an 11-bit 16:1 digital output multi-
plexer, correction logic, and a voltage reference generator
that provides common reference levels for each ADC section.
The high sample rate is achieved by using multiple SAR
ADC sections in parallel, each of which samples the input
signal in sequence. Each ADC uses 16 clock cycles to
complete a conversion. The clock cycles are allocated as
shown in Table 2.
Table 2. Clock Cycles
clock
operation
1
Reference zero sampling
2
Auto-zero comparison
3
Auto-calibrate comparison
4
Input sample
5-15
11-bit SAR conversion
16
Data transfer
The 16-phase clock, which is derived from the input clock,
synchronizes these events. The timing signals for adjacent
ADC sections are shifted by one clock cycle so that the an-
alog input is sampled on every cycle of the input clock by
exactly one ADC section. After 16 clock periods, the tim-
ing cycle repeats. The latency from analog input sample
to the corresponding digital output is 12 clock cycles.
n
Since only 16 comparators are used, a huge power
savings is realized.
n
The auto-zero operation is done using a closed loop
system that uses multiple samples of the comparator’s
response to a reference zero.
n
The auto-calibrate operation, which calibrates the gain
of the MSB reference and the LSB reference, is also done
with a closed loop system. Multiple samples of the gain
error are integrated to produce a calibration voltage for
each ADC section.
n
Capacitive displacement currents, which can induce
sampling error, are minimized since only one comparator
samples the input during a clock cycle.
n
The total input capacitance is very low since sections of
the converter that are not sampling the signal are isolated
from the input by transmission gates.
Voltage Reference
The CDK1306 requires the use of a single external volt-
age reference for driving the high side of the reference
ladder. It must be within the range of 3V to 5V. The lower
side of the ladder is typically tied to AGND (0.0V), but
can be run up to 2.0V with a second reference. The analog
input voltage range will track the total voltage difference
measured between the ladder sense lines, VRHS and VRLS.
Force and sense taps are provided to ensure accurate and
stable setting of the upper and lower ladder sense line
voltages across part-to-part and temperature variations.
By using the configuration shown in Figure 4, offset and
gain errors of less than ±2 LSB can be obtained.
In cases where wider variations in offset and gain can
be tolerated, VREF can be tied directly to VRHF, and AGND
can be tied directly to VRLF as shown in Figure 5. Decouple
force and sense lines to AGND with a 0.01μF capacitor
(chip cap preferred) to minimize high-frequency noise
injection.
If this simplified configuration is used, the following con-
siderations should be taken into account. The reference
ladder circuit shown in Figure 5 is a simplified representa-
tion of the actual reference ladder with force and sense
taps shown. Due to the actual internal structure of the
ladder, the voltage drop from VRHF to VRHS is not equiva-
lent to the voltage drop from VRLF to VRLS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com