Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1308 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # CDK1308
Description  Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1308 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  CDK1308 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1308 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1308 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1308 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1308 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1308 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1308 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1308 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1308 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
3
ADVANCE Data Sheet
Pin No.
Pin Name
Description
23
D_1
Output Data
24
ORNG
Out of Range flag. High when input signal is out of range
27
CK_EXT
Output clock signal for data synchronization. CMOS levels
28
D_2
Output Data
29
D_3
Output Data
30
D_4
Output Data
31
D_5
Output Data
32
D_6
Output Data
33
D_7
Output Data
34
D_8
Output Data
35
D_9
Output Data (MSB)
38, 39
CM_EXTBC_1,
CM_EXTBC_0
Bias control bits for the buffer driving pin CM_EXT
00: OFF
10: 50μA
10: 500μA
11: 1mA
40
SLP_N
Sleep Mode when low
Pin Assignments
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com