Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK2307CILP64 Datasheet(PDF) 16 Page - Cadeka Microcircuits LLC.

Part # CDK2307CILP64
Description  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2307CILP64 Datasheet(HTML) 16 Page - Cadeka Microcircuits LLC.

Back Button CDK2307CILP64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2307CILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK2307CILP64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK2307CILP64 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK2307CILP64 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK2307CILP64 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK2307CILP64 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK2307CILP64 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CDK2307CILP64 Datasheet HTML 16Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
For additional information regarding our products, please visit CADEKA at: cadeka.com
CADEKA, the CADEKA logo design, COMLINEAR and the COMLINEAR logo design are trademarks or registered trademarks of CADEKA
Microcircuits LLC. All other brand and product names may be trademarks of their respective companies.
CADEKA reserves the right to make changes to any products and services herein at any time without notice. CADEKA does not assume any
responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in
writing by CADEKA; nor does the purchase, lease, or use of a product or service from CADEKA convey a license under any patent rights,
copyrights, trademark rights, or any other of the intellectual property rights of CADEKA or of third parties.
Copyright ©2009 by CADEKA Microcircuits LLC. All rights reserved.
CADEKA Headquarters Loveland, Colorado
T: 970.663.5452
T: 877.663.5452 (toll free)
Data Sheet
designed by
Amplify the Human Experience
Mechanical Dimensions (Continued)
TQFP-64 Package
Symbol
Min
Typ
Max
Min
Typ
Max
A
–
–
0.047
–
–
1.2
A1
0.002
–
0.006
0.05
–
0.15
A2
0.037
0.039
0.041
0.95
1.00
1.05
D
0.472 BSC
12.00 BSC
D1
0.393 BSC
10.00 BSC
E
0.472 BSC
12.00 BSC
E1
0.393 BSC
10.00 BSC
R2
0.003
–
0.008
0.08
–
0.20
R1
0.003
–
–
0.08
–
–
0°
3.5°
7°
0°
3.5°
7°
1
0°
–
–
0°
–
–
2
11°
12°
13°
11°
12°
13°
3
11°
12°
13°
11°
12°
13°
c
0.004
–
0.008
0.09
0.20
L
0.018
0.24
0.030
0.45
0.75
L1
0.039 REF
1.00 REF
S
0.008
–
–
0.20
–
–
b
0.007
0.008
0.011
0.17
0.20
0.27
e
0.020 BSC
0.520 BSC
D2
0.295
7.50
E2
0.295
7.50
aaa
0.008
0.20
bbb
0.008
0.20
ccc
0.003
0.08
ddd
0.003
0.08
Inches
Millimeters
NOTES:
1. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is
0.25mm per side. D1 and E1 are maxmum plastic body size dimensions
including mold mismatch.
2. Dimension b does not include dambar protrusion. Allowable dambar protrusion
shall not cause the lead width to exceed the maximum b dimension by more
than 0.08mm.
3. Dambar can not be located on the lower radius or the foot. Minimum space
between protrusion and an adjacent lead is 0.07mm for 0.4mm and 0.5mm
pitch packages.
TOP VIEW
DETAIL SIDE VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com