Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS392 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1SS392
Description  SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1SS392 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1SS392 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1SS392 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 04/12/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1SS392
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
For low voltage high speed switching application
Features
• Low forward voltage
• Low reverse current
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Maximum Peak Reverse Voltage
VRM
45
V
Reverse Voltage
VR
40
V
Average Forward Current
IO
100
mA
Maximum Peak Forward Current
IFM
300
mA
Non-Repetitive Peak Forward Surge Current ( t = 10 ms)
IFSM
1
A
Power Dissipation
Pd
150
mW
Junction Temperature
Tj
125
O
C
Storage Temperature Range
Tstg
- 55 to + 125
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 100 mA
VF
-
0.6
V
Reverse Current
at VR = 40 V
IR
-
5
µA
Reverse Breakdown Voltage
at IR = 10 µA
V(BR)R
45
-
V
Total Capacitance
at VR = 0 , f = 1 MHz
CT
-
25
pF
Marking Code: "ZD"
SOT-23 Plastic Package
1
3
2


Similar Part No. - 1SS392

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392 Datasheet
123Kb / 2P
DIODE (LOW VOLTAGE HIGH SPEED SWITCHING)
1SS392 TOSHIBA-1SS392 Datasheet
200Kb / 3P
High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS392 KEXIN-1SS392 Datasheet
35Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
High Speed Switching Application
1SS392 TOSHIBA-1SS392_14 Datasheet
212Kb / 3P
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
More results

Similar Description - 1SS392

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1SS404WS SEMTECH_ELEC-1SS404WS Datasheet
172Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS321 SEMTECH_ELEC-1SS321 Datasheet
130Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS373WT SEMTECH_ELEC-1SS373WT Datasheet
130Kb / 1P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
CBS10S30 TOSHIBA-CBS10S30 Datasheet
140Kb / 6P
Schottky Barrier Diode Silicon Epitaxial
logo
Zibo Seno Electronic En...
1SS388 ZSELEC-1SS388 Datasheet
204Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
CTS05S40 TOSHIBA-CTS05S40 Datasheet
159Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS15F60 TOSHIBA-CUHS15F60 Datasheet
249Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS15S60 TOSHIBA-CUHS15S60 Datasheet
249Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS20F30 TOSHIBA-CUHS20F30 Datasheet
253Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS20S30 TOSHIBA-CUHS20S30 Datasheet
252Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com