Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC732 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 2SC732
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2SC732 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  2SC732 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2SC732 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 07/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SC732
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=6V, IC=2mA
Current Gain Group G
L
hFE
hFE
200
350
-
-
400
700
-
-
Base-Emitter Voltage
at VCE=6V,IC=2mA
VBE
-
0.65
-
V
Collector Cutoff Current
at VCB=60V
ICBO
-
-
0.1
μA
Emitter Cutoff Current
at VEB=5V
IEBO
-
-
0.1
μA
Collector Saturation Voltage
at IC=10mA, IB=1mA
VCE(sat)
-
-
0.3
V
Gain Bandwidth Product
at VCE=6V, IC=1mA
fT
-
150
-
MHz
Output Capacitance
at VCB=10V, f=1MHz
COB
-
2
-
pF
Noise Figure
at VCE=6V, IC=0.1mA
f=100Hz, RG=10KΩ
NF(1)
-
0.5
6
V
Noise Figure
at VCE=6V, IC=0.1mA
f=1KHz, RG=10KΩ
NF(2)
-
0.2
3
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com