Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3400 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # CDK3400
Description  10-bit, 100/150MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3400 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CDK3400 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3400 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
5
Data Sheet
rGB9-0 (MsB…lsB)
Blue anD reD D/as
Green D/a
sYnc
BlanK
Vout
sYnc
BlanK
Vout
11 1111 1111
X
1
0.7140
1
1
1.0000
11 1111 1111
X
1
0.7140
0
1
0.7140
11 1111 1110
X
1
0.7134
1
1
0.9994
11 1111 1101
X
1
0.7127
1
1
0.9987
•
•
•
•
•
•
•
•
•
•
•
•
•
•
10 0000 0000
X
1
0.3843
1
1
0.6703
01 1111 1111
X
1
0.3837
1
1
0.6697
•
•
•
•
•
•
•
•
•
•
•
•
•
•
00 0000 0010
X
1
0.0553
1
1
0.3413
00 0000 0001
X
1
0.0546
1
1
0.3406
00 0000 0000
X
1
0.0540
1
1
0.3400
XX XXXX XXXX
X
0
0.0000
1
0
0.2860
XX XXXX XXXX
X
0
0.0000
0
0
0.0000
Table 1. Output Voltage vs. Input Code, SYNC and BLANK, VREF = 1.235V, RREF = 590Ω, RL = 37.5Ω
CLK
Pixel Data
and Controls
OUTPUT
Data N+2
Data N+1
Data N
tPWL
ts
tH
50%
3%/FS
90%
10%
tF
tR
tPWH
1/fs
tD
tSET
Figure 1. CDK3400/3401 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com