Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3402CTQ48Y Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CDK3402CTQ48Y
Description  8-bit, 100/150MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3402CTQ48Y Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CDK3402CTQ48Y Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK3402CTQ48Y Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK3402CTQ48Y Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3402CTQ48Y Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3402CTQ48Y Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3402CTQ48Y Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3402CTQ48Y Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3402CTQ48Y Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3402CTQ48Y Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
2
Data Sheet
Pin Configuration
TQFP-48
GND
G0
G1
G2
G3
G4
G5
G6
G7
BLANK
VDD
RREF
VREF
COMP
IOG
IOR
VDD
VDD
IOB
GND
GND
NC
1
2
3
4
5
6
7
8
9
10
SYNC
11
12
36
35
34
33
32
31
30
29
28
27
CLOCK
26
25
TQFP
CDK3402/3403
Pin Assignments
Pin No.
Pin Name
Description
clock and pixel i/o
26
CLK
Clock Input
47-40
R7-0
Red Pixel Data Inputs
9–2
G7-0
Green Pixel Data Inputs
23–16
B7-0
Blue Pixel Data Inputs
controls
11
SYNC
Sync Pulse Input
10
BLANK
Blanking Input
Video outputs
33
IOR
Red Current Output
32
IOG
Green Current Output
29
IOB
Blue Current Output
Voltage reference
35
VREF
Voltage Reference Output/Input
36
RREF
Current-Setting Resistor
34
COMP
Compensation Capacitor
power and Ground
12, 30, 31
VDD
Power Supply
1, 14, 15,
27, 28, 38,
39, 48
GND
Ground
13, 24, 25,
37
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com