Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2S Datasheet(PDF) 4 Page - Leshan Radio Company

Part # B2S
Description  Bridge rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

B2S Datasheet(HTML) 4 Page - Leshan Radio Company

  B2S Datasheet HTML 1Page - Leshan Radio Company B2S Datasheet HTML 2Page - Leshan Radio Company B2S Datasheet HTML 3Page - Leshan Radio Company B2S Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SHAPE AND DIMENSIONS
MIN
MAX
MIN
MAX
A
0.177
0.193
4.50
4.90
B
0.091
0.106
2.30
2.70
C
0.012
0.028
0.30
0.70
D
0.091
0.106
2.30
2.70
E
0.039 *45°
F
0.150
0.165
3.80
4.20
G
0.020
0.031
0.50
0.80
H
0.181
0.220
4.60
5.60
I
0.236
0.276
6.00
7.00
J
0.006
0.014
0.15
0.35
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSIY14.5M, 1982.
2. CONTROLLING DIMENSION: mm.
1*45°
DIM
INCHES
MILLIMETERS
LESHAN RADIO COMPANY, LTD.
4/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com