Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SA562 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SA562
Description  PNP Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SA562 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2SA562 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SA562 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 07/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SA562
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE=1V, -IC=100mA
Current Gain Group
at -VCE=6V, -IC=400mA
O
Y
hFE
hFE
hFE
70
120
25
-
-
-
140
240
-
-
-
-
Collector Cutoff Current
at -VCB=35V
-ICBO
-
-
0.1
μA
Emitter Cutoff Current
at -VEB=5V
-IEBO
-
-
0.1
μA
Collector Emitter Saturation Voltage
at -IC=100mA, -IB=10mA
-VCE(sat)
-
0.1
0.25
V
Base Emitter Voltage
at -IC=100mA, -VCE=1V
-VBE
-
0.8
1.0
V
Transition Frequency
at -VCE=6V, -IC=20mA
fT
-
200
-
MHz
Collector Output Capacitance
at -VCB=6V, f=1MHz
COB
-
13
-
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com