Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # CDK8307
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button CDK8307 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK8307 Datasheet HTML 15Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
11
PRELIMINARY Data Sheet
Electrical Characteristics - CDK8307B
(AVDD = 1.8V, DVDD = 1.8V, OVDD = 1.8V, 40MSPS clock, 50% clock duty cycle, -1dBFS 8MHz input signal, 14-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Performance
SNR
Signal to Noise Ratio
FIN = 8MHz
72.2
dBFS
SINAD
Signal to Noise and Distortion Ratio
FIN = 8MHz
71.5
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 8MHz
82
dBc
HD2
Second order Harmonic Distortion
FIN = 8MHz
95
dBc
HD3
Third order Harmonic Distortion
FIN = 8MHz
82
dBc
ENOB
Effective number of Bits
11.6
bits
Crosstalk
Signal applied to 7 channels (FIN0).
Measurement taken on one channel with full
scale at FIN1. FIN1 = 8MHz, FIN0 = 9.9MHz
95
dBc
Power Supply
Analog supply current
91
mA
Digital supply current
Digital and output driver supply
60
mA
Analog power Dissipation
164
mW
Digital power Dissipation
108
mW
Total power Dissipation
272
mW
Power Down Dissipation
10
μW
Sleep Mode Dissipation
67
mW
Sleep Channel Mode Dissipation
Power dissipation with all chs in sleep mode
72
mW
Sleep Channel Mode Savings
Power dissipation savings per channel off
23
mW
Clock Inputs
Maximum Conversion Rate
40
MSPS
Minimum Conversion Rate
20
MSPS
Electrical Characteristics - CDK8307C
(AVDD = 1.8V, DVDD = 1.8V, OVDD = 1.8V, 50MSPS clock, 50% clock duty cycle, -1dBFS 8MHz input signal, 14-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Performance
SNR
Signal to Noise Ratio
FIN = 8MHz
72.2
dBFS
SINAD
Signal to Noise and Distortion Ratio
FIN = 8MHz
71.5
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 8MHz
82
dBc
HD2
Second order Harmonic Distortion
FIN = 8MHz
95
dBc
HD3
Third order Harmonic Distortion
FIN = 8MHz
82
dBc
ENOB
Effective number of Bits
11.6
bits
Crosstalk
Signal applied to 7 channels (FIN0).
Measurement taken on one channel with full
scale at FIN1. FIN1 = 8MHz, FIN0 = 9.9MHz
95
dBc
Power Supply
Analog supply current
112
mA
Digital supply current
Digital and output driver supply
66
mA
Analog power Dissipation
202
mW
Digital power Dissipation
119
mW
Total power Dissipation
321
mW
Power Down Dissipation
10
μW
Sleep Mode Dissipation
78
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com