Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307BILP64 Datasheet(PDF) 21 Page - Cadeka Microcircuits LLC.

Part # CDK8307BILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307BILP64 Datasheet(HTML) 21 Page - Cadeka Microcircuits LLC.

Back Button CDK8307BILP64 Datasheet HTML 17Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 18Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 19Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 20Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 21Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 22Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 23Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 24Page - Cadeka Microcircuits LLC. CDK8307BILP64 Datasheet HTML 25Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
21
PRELIMINARY Data Sheet
Table 12. Gain Setting for Channels 1-8
gain_chx<3:0>
Channel x Gain Setting
0000
0dB
0001
1dB
0010
2dB
0011
3dB
0100
4dB
0101
5dB
0110
6dB
0111
7dB
1000
8dB
1001
9dB
1010
10dB
1011
11dB
1100
12dB
1101
Do not use
1110
Do not use
1111
Do not use
Table 13. LVDS Clock Programmability and Data Output Modes
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
phase_ddr<1:0>
Controls the phase of LCLK out-
put relative to data
90 degrees
X X
42
btc_mode
Binary two's complement format
for ADC output data
Straight offset
binary
X
46
msb_first
Serialized ADC output data
comes out with MSB first
LSB-first
output
X
en_sdr
Enable SDR output mode. LCLK
becomes a 12x input clock
DDR output
mode
X
fall_sdr
Controls whether the LCLK ris-
ing or falling edge comes in the
middle of the data window when
operating in SDR mode
Rising edge
of LCLK
comes in the
middle of the
data window
X
X
The output interface of CDK8307 is normally a DDR interface, with the LCLK rising and falling edge transitions in the
middle of alternate data windows. The phase for LCLK can be programmed relative to the output frame clock and data
using bits
phase_ddr<1:0>. The LCLK phase modes are shown in Figure 6. The default timing is identical to setting
phase_ddr<1:0> = '10'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com